Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN829 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN829
Description  SEMICONDUCTOR KIT FOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN829 Datasheet(HTML) 3 Page - STMicroelectronics

  AN829 Datasheet HTML 1Page - STMicroelectronics AN829 Datasheet HTML 2Page - STMicroelectronics AN829 Datasheet HTML 3Page - STMicroelectronics AN829 Datasheet HTML 4Page - STMicroelectronics AN829 Datasheet HTML 5Page - STMicroelectronics AN829 Datasheet HTML 6Page - STMicroelectronics AN829 Datasheet HTML 7Page - STMicroelectronics AN829 Datasheet HTML 8Page - STMicroelectronics AN829 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
AN829 APPLICATION NOTE
– Can be mounted on the same heatsink as the ISOTOP
– intrinsic diode for controller input protection
– very low parasitic inductance improving signal/noise ratio.
However, the peak current limitation will be affected by the MOSFET thermal characteristic.
DESIGN RULE EXAMPLE
Taking the following operating conditions (see figure 2):
Vin rms = 230Vac +10% -15% (f=50Hz)
Iin rms = 16Arms
Pout = 3000W
Vout = 400Vdc
or
Vin rms = 120Vac +20% -20% (f=60Hz)
Iin rms = 15Arms
Pout = 1400W
Vout = 400Vdc
Figure 2. 1500W/3000W PFC Schematic.
L4981
R20
19
Lb
95
CP
RZ
1
RGF
20
C18
R17
C12
12
17
18
F1
D95IN253A
C1
+
-
R19
D2
Dz
CZ
611
DGF
TURBOSWITCH DIODE
1
J1
1
J2
D1
C19
Q1
STH80N05
R16
R8
R9
8
R4
R71
R72
R73
C72
C71
RGN
10
ISOTOP
STE30NA50-DK
CO10
to
C
O14
CO2
to
CO7
J7
1
1
J8
R141
R142
R14
R31
R32
14
3
R13
C13
13
SGND
PGND
VFEED
VAOUT
VP
GDRV
IAC
VRMS
SSC
COSC
ROSC
16
R2
2
LFF
VREF
S/FM
4
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com