Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN829 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN829
Description  SEMICONDUCTOR KIT FOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN829 Datasheet(HTML) 7 Page - STMicroelectronics

  AN829 Datasheet HTML 1Page - STMicroelectronics AN829 Datasheet HTML 2Page - STMicroelectronics AN829 Datasheet HTML 3Page - STMicroelectronics AN829 Datasheet HTML 4Page - STMicroelectronics AN829 Datasheet HTML 5Page - STMicroelectronics AN829 Datasheet HTML 6Page - STMicroelectronics AN829 Datasheet HTML 7Page - STMicroelectronics AN829 Datasheet HTML 8Page - STMicroelectronics AN829 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
AN829 APPLICATION NOTE
Then the maximum rms voltage across the sense is:
RMS sense voltage = 15m
Ω 16A = .24V
Then R8 = R9 = .24V / 60
µA # 4kΩ
Critical current amplifier gain occurs when the current error amplifier slope exceeds the oscillator slope. This
condition occurs when:
Voca fs = (Vo/Lb) Rsense Gca
Gca = current amplifier gain
Voca = current amplifier output voltage
fs = switching frequency
Lb = boost inductor value
Then Gca = Voca fs Lb / (Vo Rsense) = 5 45E+3 0.8E-3 / 400 0.015 = 28
Setting Gca # 25 enables the calculation of Rz and Cz:
Rz # GcaR9 # 100kΩ
Cz = 1 / 2pfcRz with a crossover frequency fc of 10kHz.
then Cz=150pF.
Capacitor Cp can eventually be added to reduce the phase lag of the amplifier.
IMPLEMENTATION AND SWITCHING BEHAVIOR
Using a double-sided PCB significantly reduces the parasitic inductances of the circuit:
– parasitic inductance Lp1 and Lp2 shown in figure 1 are intrinsic characteristics of the ISOTOP module
itself; these values are very low (less than 10nH).
– parasitic inductances Lp3 and Lp4 are due to the ISOTOP/capacitor loop. The proposed layout re-
sults in about 20 nH for Lp3+Lp4.
These values mean that the total voltage overshoot during the turn off of the MOSFET is limited to about 30V
with a di/dt of 1000A/sec with no snubber.
– parasitic inductance Lp5 is a few nH due to the use of an active current sense in a TO- 218 package.
This results in an excellent signal/ noise ratio at the current error amplifier input. The following mea-
surements have been made with the iron powder inductor as described in paragraph 4.
Figure 5 shows the most important signals with an input voltage of 208Vac and an output power of 1600W. To
show the current ripple more clearly, one second persistence has been used. The slight overshoot of the current
error amplifier output during the mains zero voltage crossing is due to the rise of the inductor permeability at low
induction. Indeed, the inductor size optimisation requires operation with 50% saturation of the iron at maximum
peak current.
Figure 6 shows average values of the waveforms in figure 5.
Figure 7 shows the input current and voltage with 120Vac mains and 1600W output Power.
Figure 8 shows the drain voltage and source current during turn off. Note that the source current probing cre-
ates a parasitic inductance, limiting the di/dt. Thus there is no significant turn off overvoltage.
Figure 9 shows the diode recovery current with a forward current of 20A and a di/dt of 700A/
µsec. Note that the
Rgn gate drive resistance can be adjusted to tightly control the di/dt. This is still acting with high di/dt value due
to the low parasitic inductance of the gate drive. Thermal measurements have been performed enabling the



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com