Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1088 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1088
Description  L6234 THREE PHASE MOTOR DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1088 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1088 Datasheet HTML 3Page - STMicroelectronics AN1088 Datasheet HTML 4Page - STMicroelectronics AN1088 Datasheet HTML 5Page - STMicroelectronics AN1088 Datasheet HTML 6Page - STMicroelectronics AN1088 Datasheet HTML 7Page - STMicroelectronics AN1088 Datasheet HTML 8Page - STMicroelectronics AN1088 Datasheet HTML 9Page - STMicroelectronics AN1088 Datasheet HTML 10Page - STMicroelectronics AN1088 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Torque & Speed Closed Loop Control.
The motor’s rotational speed is determined by the frequency of the Hall effect signals. The speed control
loop has been achieved by comparing this frequency with a frequency of a reference oscillator (see fig.
14) that corresponds to a desired speed limit.
3
OUT3
L6234
C1
100uF
60V
EN3
IN3
IN2
IN1
EN1
EN2
OUT2
OUT1
Vboot
Vcp
Vs
7
912
17
18
6
5
15
4
14
8
13
D1
D2
C4
C3
10nF
C2
220nF
100nF
1N4148
1N4148
POWER SO20
1
2
GND
+5V
Vref
10 11 20
16
19
C5
1uF
R10 10K each
IN2
IN1
IN3
EN3
EN2
EN1
SENSE
R1
R2
R3
R4
REFERENCE
SPEED
CONSTANT toff
CHOPPING
CURRENT
CONTROL
Vsense
Vcontrol
TORQUE &
SPEED
CONTROL
PWM
BRUSHLESS MOTOR
HALL
EFFECT
SENSORS
CONTROL
LOGIC
HALL
EFFECT
SIGNALS
BRAKE
DIR
PWM
Hall effect signal
C6
220nF
1
2
IN
3
OUT
L7805
GND
10uF
C7
Z1
18V
R5
10k
T1
+5V
J7
Reference
Speed
Vs=8V to 42
1
Ω
1
Ω
1
Ω
1
Ω
Figure 12. Application board Schematic Circuit.
M74HC123
monostable
+5V
+5V
C11
330pF
R9
100nF
C10
23
16
4
15 14
8
1
100k
R11
10k
Vcontrol
PWM
+5V
100nF
LM393
R7 11 k
R8
1K
C8
470pF
R6 1K
2
Vsense
1
+5V
8
3
4
+
-
C9
_
Q
A
B
+5V
J1
Figure 13. Constant toff current control.
toff
R9
C11
20
µs
100k
270pF
30
µs
100k
330pF
45
µs
100k
560pF
70
µs
100k
1nF
Table 1. toff selection
PHASE/
FREQUENCY
DETECTOR
HALL
SENSORS
COMPENSATION
NETWORK
PWM
Vcontrol
Amp.
MOTOR
REFERENCE
FEEDBACK
D01IN1209
Figure 14. PLL Motor Control.
AN1088 APPLICATION NOTE
7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com