Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1088 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1088
Description  L6234 THREE PHASE MOTOR DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1088 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1088 Datasheet HTML 1Page - STMicroelectronics AN1088 Datasheet HTML 2Page - STMicroelectronics AN1088 Datasheet HTML 3Page - STMicroelectronics AN1088 Datasheet HTML 4Page - STMicroelectronics AN1088 Datasheet HTML 5Page - STMicroelectronics AN1088 Datasheet HTML 6Page - STMicroelectronics AN1088 Datasheet HTML 7Page - STMicroelectronics AN1088 Datasheet HTML 8Page - STMicroelectronics AN1088 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1.2MHz (see fig 4). When the oscillator output is at ground , C3 is charged by Vs through D1. When it
rises to 10V, D1 is reverse biased and the charge flows from C3 to C4 through D2, so the Vboot pin af-
ter a few cycles reaches the maximum voltage of Vs + 10V - VD1- VD2.
Vboot ( BOOTSTRAP).
This is the input bootstrap pin which gives the overvoltage necessary to drive all the upper DMOS of the
three half bridges (see fig 5).
LOGIC INPUTS PINS.
EN1, EN2, EN3 (ENABLES).
These pins are TTL/CMOS and
µP compatible. Each half bridge can be enabled by its own dedicated
pin with a logic HIGH. The logic LOW on these pins switches off the related half bridge (see Fig. 6). The
maximum switching frequency is 50kHz.
IN1, IN2, IN3 (INPUTS).
These pins are TTL/CMOS and
µP compatible. They allow switching on the upper DMOS ( INPUT at
high logic level) or the lower Dmos (INPUT at low logic level) in each half bridge (see Fig. 6).
10nF
VCP
1N4148
0.22
µF
VBOOT
1N4148
CHARGE
PUMP
Vref
10V
0.1
µF
Vs
100
µF
HIGH
SIDE
DRIVER
Vs+Vref-VD1-VD2
Vref
f=1.2 MHz
Vs+Vref-VD1
Vs-VD1
f=1.2 MHz
D1
D2
C3
C4
C2
C1
OUT
Vs
SENSE
Figure 5. Charge Pump Circuit.
UPPER
DMOS
LOWER
DMOS
DMOS ON
DMOS OFF
DMOS ON
time
time
DMOS OFF
ENABLE
high level
low level
time
DMOS OFF
INPUT
time
high level
low level
low level
high level
high level
DMOS OFF
low level
DMOS OFF
DMOS OFF
Figure 6. Control logic for each half bridge.
tdelay
300ns
tdelay
300ns
INPUT
PIN
UPPER
DMOS
LOWER
DMOS
high level
low level
DMOS ON
DMOS OFF
DMOS ON
DMOS OFF
time
time
time
DMOS OFF
DMOS ON
low level
Figure 7. Cross Conduction Protection.
AN1088 APPLICATION NOTE
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com