Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1088 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1088
Description  L6234 THREE PHASE MOTOR DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1088 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1088 Datasheet HTML 6Page - STMicroelectronics AN1088 Datasheet HTML 7Page - STMicroelectronics AN1088 Datasheet HTML 8Page - STMicroelectronics AN1088 Datasheet HTML 9Page - STMicroelectronics AN1088 Datasheet HTML 10Page - STMicroelectronics AN1088 Datasheet HTML 11Page - STMicroelectronics AN1088 Datasheet HTML 12Page - STMicroelectronics AN1088 Datasheet HTML 13Page - STMicroelectronics AN1088 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
The Ton values, given by KCx1Rx1, must be less than the period of the Hall effect electrical signal at
the desired motor speed , so Ton must meet the requirement of 1.1 :
( 1.1 ) Ton
<
60
n
⋅ ωm
For the motor and the load used in this application, which have the following parameters :
Jt = 10
-4 [Kg ⋅ m2] (Motor plus Load Inertia Moment);
Kt = 10
-2 [Nm/A] ;
B = 10
-5 [Nms]
n=4 ;
R1=100k +/- 10% [k
Ω]
;
R2=1M
±1[kW]
;
Cf=220n [F]
A regulated speed of 6000RPM can be obtained with an accuracy of around +/-3%, considering Ton ac-
curacy of +/-1% , the V5 and Vref mismatch of +/-1% .
If the speed is 6000RPM, there are 100 rotor revolution for second, with n=4, the Hall effect frequency
is 400Hz. Therefore Ton has to be lower than 2.5ms (according to equation 1.1).
The phase margin is about 45° and the response time of the speed loop for a speed step variation is
around 200ms .
6X6 BRUSHLESS APPLICATION
Vcontrol
Constant Toff PWM
Current Control. Two M74HC124 plus an LM339
THREE PHASE
BRUSHLESS
MOTOR
IN1B
IN1A
IN2A
EN2
EN1
OUT3
L6234
EN3
EN1
EN2
IN3
IN2
IN1
OUT2
OUT1
Vboot
Vcp
Vs
Vs
100uF
1N4148
1N4148
10nF
220nF
100nF
GND
Vref
SENSE1
1uF
SENSE2
IN3B
IN3A
IN2B
EN3
OUT3
L6234
EN3
EN1
EN2
IN3
IN2
IN1
OUT2
OUT1
Vboot
Vcp
Vs
Vs
100uF
1N4148
1N4148
10nF
220nF
100nF
GND
Vref
SENSE1
1uF
SENSE2
M74HC123
monostable
+5V
100nF
23
16
4
15
14 8
1
+5V
+5V 100nF
LM339
470pF
1K
1
+5V
8
+
-
_
Q
A
B
4
Comparator & monostable
Comparator & monostable
Comparator & monostable
CONTROL
LOGIC
Vsense1
Vsense2
Vsense3
PWM1
PWM2
PWM3
OUT1A
OUT1B
OUT2A
OUT2B
OUT3B
OUT3A
SPEED AND POSITION
FEEDBACK
Figure 24. 6x6 Three Phase Brushlees Application Circuit
AN1088 APPLICATION NOTE
13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com