Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1439 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1439
Description  30 W AC-DC adapter with the L6565
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1439 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1439 Datasheet HTML 5Page - STMicroelectronics AN1439 Datasheet HTML 6Page - STMicroelectronics AN1439 Datasheet HTML 7Page - STMicroelectronics AN1439 Datasheet HTML 8Page - STMicroelectronics AN1439 Datasheet HTML 9Page - STMicroelectronics AN1439 Datasheet HTML 10Page - STMicroelectronics AN1439 Datasheet HTML 11Page - STMicroelectronics AN1439 Datasheet HTML 12Page - STMicroelectronics AN1439 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AN1439
Design specification
9/17
intermittent operation ("hiccup" mode) with low power throughput (< 1 W at 264 Vac). R10
prevents improper Power MOSFET's turn-on, due to signal bouncing on the pin, by pulling
up the ZCD pin that would be completely floating otherwise. Additionally, thanks to the 2nd
overcurrent level on the L6565's current sense pin, also a short-circuit directly across the
secondary winding - or D7 failing short - causes an intermittent operation with an even lower
level of power throughput.
Board evaluation: getting started
The AC voltage, generated by an AC source ranging from 88 Vac to 264 Vac, is applied to
connector M1 (at the bottom left-hand corner). Should one want to use a high-voltage DC
source, remember that the startup charge pump would not work and a dropping resistor
would be needed to let the L6565 start.
The 15 VDC output (connector M2) is located close to the bottom right-hand corner and will
be connected to the load. If an electronic load is going to be used in CC mode, make sure
that the voltage which the load starts sinking current at is > 1 V or use CR mode if this
cannot be set, otherwise the board may not start up at maximum load. This happens
because Vout needs to build up a little in order for the ZCD signal to be large enough to
trigger QR operation (refer to 2.: "L6565 Quasi-Resonant Controller" (AN1326).) Before that,
the converter runs at the frequency of the internal starter, with a much lower power
capability that may be easily exceeded if the load starts sinking the maximum current as Vout
is just above zero. In this case Vout gets clamped at a low value, the ZCD signal cannot
reach the minimum amplitude required, QR operation cannot take place and the system
cannot start up.
Caution:
Like in any offline circuit, extreme caution must be used when working with the
application board because it contains dangerous and lethal potentials. The
application must be tested with an isolation transformer connected between the AC
mains and the input of the board to avoid any risk of electrical shock.
Board evaluation: bench results and significant waveforms
Table 5, 6, and 7 summarize the results of some bench evaluations. A number of waveforms
under different load and line conditions are shown for the user's reference.
Table 5.
STEVAL-ISC001V1: typical performance
Parameter
Value
Unit
Regulated output voltage (at Vin= 220 Vac, Iout= 2 A)
14.924
V
Minimum operating frequency (at Vin= 88 Vac, Iout= 2 A)
60
kHz
Maximum operating frequency (at Vin= 264 Vac, Iout= 1.1 A)
214
kHz
Line regulation (Vin = 88 to 264 Vac, Iout= 2 A)
1
mV
Load regulation (Vin= 88 Vac, Iout= 0 to 2 A)
55
mV
High-frequency output voltage ripple (at Vin= 88 Vac, Iout= 2 A)
10
mV
Line-frequency output voltage ripple (at Vin= 88 Vac, fL = 60 Hz, Iout= 2 A)
< 5
mV
Maximum full-load efficiency (at Vin = 176 Vac, Iout = 2)
85
%
Maximum no-load input power (at Vin= 264 Vac)
0.6
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com