Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1439 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1439
Description  30 W AC-DC adapter with the L6565
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1439 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1439 Datasheet HTML 1Page - STMicroelectronics AN1439 Datasheet HTML 2Page - STMicroelectronics AN1439 Datasheet HTML 3Page - STMicroelectronics AN1439 Datasheet HTML 4Page - STMicroelectronics AN1439 Datasheet HTML 5Page - STMicroelectronics AN1439 Datasheet HTML 6Page - STMicroelectronics AN1439 Datasheet HTML 7Page - STMicroelectronics AN1439 Datasheet HTML 8Page - STMicroelectronics AN1439 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AN1439
Design specification
5/17
1
Design specification
Table 1 summarizes the electrical specifications of the application, Table 2 provides the
BOM and Table 3 lists the transformer's specifications. The electrical schematic is shown in
Figure 1 and the PCB layout in Figure 2.
Figure 1.
STEVAL-ISC001V1 evaluation board: electrical schematic
The electrical specification is typical of an AC-DC adapter for consumer equipment, usually
developed as an external unit. As such, it falls within the scope of the European "Code of
Conduct on Efficiency of External Power Supplies" and is required to be "efficient" under no-
load conditions as specified in Table 4. The design target is to fulfill the phase 2
requirements, so as to be up-to-date until the year 2005, when phase 3 sets even more
stringent limits. Some hints to upgrade the design according to phase 3 is given in the
section Evaluation board optimization for minimum no-load consumption on page 13.
Table 1.
STEVAL-ISC001V1 evaluation board: electrical specifications
Input voltage range (Vin)
88 to 264 Vac
Mains frequency (fL)
50/60 Hz
Maximum output power (Pout)
30 W
Output
–Vout= 15 V ± 3%;
–Iout = 0 to 2 A;
–Vripple≤1%
Minimum switching frequency (at 100 VDC input voltage)
60 kHz
Target efficiency (at Pout= 30 W, Vin= 88÷264 Vac)
η> 80%
Maximum no-load input power
< 0.75 W (1)
1.
Compliant with European Code of Conduct on Efficiency of External Power Supplies, phase 2, 01.01.2003.
8
3
R2
1.5M
B1 DF06G
R3
1.5M
R4
18K
C5
100 F
400V
D1
1N4148
D2
1N4148
R16
220K
R10
1.5
R9
1.5
C14
47nF
400V
D4
1.5KE220A
Q1
STP5NK80ZFP
D3
STTH1L06
F1 2A fuse
NTC1 10R
R1 100
Vin
88V to
264Vac
D5 1N4148
R5 4.7
R8 47K
R6 220
R7 10
R12 33K
IC2
TL431
D6 1N4148
T1
1
3
6
IC1
L6565
1
2
7
5
2
2
3
3
4
1
1
C6 2.2nF Y1
D7
STPS8H100FP
L2
10 H
R15
5.6K
C7
47 F
25V
C10,C11
680F
25V
R14
2K
R13
10K
15V
2A
D01IN1303B
IC3 PC817X1
R11
1.5K
C8
1nF
C9
2.2nF
C15
100pF
1kV
C7b
100nF
C13
560nF
4
8
5
4
10
C12
330F
25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com