Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1439 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1439
Description  30 W AC-DC adapter with the L6565
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1439 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1439 Datasheet HTML 9Page - STMicroelectronics AN1439 Datasheet HTML 10Page - STMicroelectronics AN1439 Datasheet HTML 11Page - STMicroelectronics AN1439 Datasheet HTML 12Page - STMicroelectronics AN1439 Datasheet HTML 13Page - STMicroelectronics AN1439 Datasheet HTML 14Page - STMicroelectronics AN1439 Datasheet HTML 15Page - STMicroelectronics AN1439 Datasheet HTML 16Page - STMicroelectronics AN1439 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AN1439
Design specification
13/17
Figure 13.
STEVAL-ISC001V1: load transient (at Vin = 220 Vac: Iout = 0.5 to 2.5 A)
Evaluation board optimization for minimum no-load consumption
Additional optimization steps need to be taken in order for the STEVAL-ISC001V1 to fulfill
the limits set by the 3rd phase of the European code of conduct on efficiency of external
power supplies, which has been active from 01.01.2005. According to this standard, the no-
load consumption must be less than 0.5 W at rated input voltage (220 Vac for European
mains, the 110 Vac of the US mains is not a concern). To have some margin, it is a common
design target to fulfill the specification even at maximum input voltage (264 Vac).
Figure 11.
STEVAL-ISC001V1 behavior upon
short-circuit on the output.
Vin=220 Vac
Figure 12.
STEVAL-ISC001V1 behavior upon
short-circuit on D7. Vin=220 Vac
Ch1: Q1 drain voltage
Ch2: L6565 supply voltage
Ch1: Q1 drain voltage
Ch2: L6565 supply voltage
Ch2: Output voltage
Ch2: Load current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com