Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1625 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 24Page - STMicroelectronics AN1625 Datasheet HTML 25Page - STMicroelectronics AN1625 Datasheet HTML 26Page - STMicroelectronics AN1625 Datasheet HTML 27Page - STMicroelectronics AN1625 Datasheet HTML 28Page - STMicroelectronics AN1625 Datasheet HTML 29Page - STMicroelectronics AN1625 Datasheet HTML 30Page - STMicroelectronics AN1625 Datasheet HTML 31Page - STMicroelectronics AN1625 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
AN1625 APPLICATION NOTE
28/39
Figure 30. Gloop module and phase.
The relation between the speed reference voltage (Vspeed), the load resistant torque (Tb) and the motor speed
(
ωM) is given by the expression:
for a given speed, the speed reference voltage to apply is:
Designing the speed loop, care must be taken choosing the values of Rpullup, Rfb1, Rfb2, Cfb, R1 and R2 obtaining
a good compromise between static performance, dynamic performance, stability and torque ripple:
2.15.1 Static performance - Speed Regulation vs. Resistant Torque:
The relation between Vspeed, Tb and ωM shows that for a fixed speed reference, the load torque (Tb) affects the
speed. To minimize the resistant torque effect the term (D + G
ω-v · G1 · kT · Gop-amp) must be kept as high as
possible.
Figure 31 shows how the speed changes with the load torque, and percentage regulation error.
Due to the op-amp output voltage saturation, beyond a certain load torque value the system cannot produce
further torque, then the motor speed drastically decreases.
1 .10
3
0.01
0.1
1
10
100
50
25
0
25
50
f [Hz]
fc
0
1 . 10
3
0.01
0.1
1
10
100
135
90
45
f [Hz]
fc
180
ω
M
V
spee d
1
G
op
a mp
–
1s
τ
I
+
-------------------------
+

 G
1
k
T
T
b
–
⋅⋅
⋅
D1 s
τ
M
⋅
() Gω v
–
G
1
k
T
G
op
amp
–
1s
τ
I
+
-------------------------
⋅⋅
⋅
++
-----------------------------------------------------------------------------------------------------------
=
V
speed
ω
M
DGω v
–
G
1
k
T
G
op
a mp
–
⋅⋅
⋅
+
() T
b
+
⋅
1G
op
amp
–
+
() G
1
k
T
⋅⋅
------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com