Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1625 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 31Page - STMicroelectronics AN1625 Datasheet HTML 32Page - STMicroelectronics AN1625 Datasheet HTML 33Page - STMicroelectronics AN1625 Datasheet HTML 34Page - STMicroelectronics AN1625 Datasheet HTML 35Page - STMicroelectronics AN1625 Datasheet HTML 36Page - STMicroelectronics AN1625 Datasheet HTML 37Page - STMicroelectronics AN1625 Datasheet HTML 38Page - STMicroelectronics AN1625 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
35/39
AN1625 APPLICATION NOTE
Figure 38. PractiSPIN ST7 Evaluation Board
4.2 EVAL6235N
An evaluation board has been produced to help the evaluation of the device in PowerDIP package. It imple-
ments a typical application with several added components. Figure 40 shows the electrical schematic of the
board; in the table below the part list is reported.
The Evaluation Board provides external connectors for the supply voltage, an external 5 V reference for the logic
inputs, three outputs for the motor and a 34-pin connector to control the main functions of the board through an
external
µC board.
Running the evaluation board in stand-alone mode, instead, four switches (S1) allow enabling the device, set-
ting the direction of the rotation, braking the motor, choosing to run in torque or speed mode. R17 and R22 set
CN1, CN2
2-poles connector
JP1, JP2
2-pin jumper
CN3
3-poles connector
R1
700
Ω 0.6W resistor
CN4
34-poles connector
R2,R3,R4,R7,R8,R9
10k
Ω resistor
C1
220nF/100V Ceramic or Polyester capacitor
R5
100
Ω resistor
C2
220nF/100V Ceramic or Polyester capacitor
R15,R6
1k
Ω resistor
C3
100µF/63V capacitor
R11,R10
100k
Ω trimmer
C4
10nF/100V Ceramic capacitor
R12,R13,R14
1
Ω 1% resistor
C5
10µF/16V Capacitor
R16
1M
Ω resistor
C6
33nF Capacitor
R17
20k
Ω resistor
C7
1nF Capacitor
R18
4.7k
Ω resistor
C8
820pF Capacitor
R19
5.6k
Ω resistor
C9
10nF Capacitor
R20
2.2k
Ω resistor
C10
220nF Capacitor
R21
1.8k
Ω resistor
C11
68nF Capacitor
R22
5k
Ω trimmer
C12
100nF Capacitor
S1
quad switch
D1, D2
1N4148 Diode
U1
L6235N
D3
BZX79C5V1 5.1V Zener Diode
U2
LM358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com