Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1625 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 28Page - STMicroelectronics AN1625 Datasheet HTML 29Page - STMicroelectronics AN1625 Datasheet HTML 30Page - STMicroelectronics AN1625 Datasheet HTML 31Page - STMicroelectronics AN1625 Datasheet HTML 32Page - STMicroelectronics AN1625 Datasheet HTML 33Page - STMicroelectronics AN1625 Datasheet HTML 34Page - STMicroelectronics AN1625 Datasheet HTML 35Page - STMicroelectronics AN1625 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
AN1625 APPLICATION NOTE
32/39
Figure 34. Overcurrent during motor braking.
Figure 35. Overcurrent during motor braking.
3
APPLICATION EXAMPLE
Application Data
Rotation Speed:
10000 rpm (fEL=167Hz)
Winding peak Current:
1.5 A
Maximum Ripple:
350mA
Maximum BEMF at 10000rpm:
10 V
on-time
braking
overcurrent – disable time
I1
EN = DIAG
I2
I3
“Brake” Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com