Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST330S Datasheet(PDF) 1 Page - International Rectifier

Part # ST330S
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST330S Datasheet(HTML) 1 Page - International Rectifier

  ST330S Datasheet HTML 1Page - International Rectifier ST330S Datasheet HTML 2Page - International Rectifier ST330S Datasheet HTML 3Page - International Rectifier ST330S Datasheet HTML 4Page - International Rectifier ST330S Datasheet HTML 5Page - International Rectifier ST330S Datasheet HTML 6Page - International Rectifier ST330S Datasheet HTML 7Page - International Rectifier ST330S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
330A
PHASE CONTROL THYRISTORS
Stud Version
ST330S SERIES
Bulletin I25156/B
Features
Center amplifying gate
Hermetic metal case with ceramic insulator
International standard case TO-209AE (TO-118)
Threaded studs UNF 3/4 - 16UNF2A or ISO M24x1.5
Compression Bonded Encapsulation for heavy duty
operations such as severe thermal cycling
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
I
T(AV)
330
A
@ T
C
75
°C
I
T(RMS)
520
A
I
TSM
@ 50Hz
9000
A
@ 60Hz
9420
A
I
2t
@ 50Hz
405
KA
2s
@ 60Hz
370
KA
2s
V
DRM
/V
RRM
400 to 1600
V
t
q
typical
100
µs
T
J
- 40 to 125
°C
Parameters
ST330S
Units
Major Ratings and Characteristics
case style
TO-209AE (TO-118)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - ST330S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST330S VISHAY-ST330S Datasheet
162Kb / 8P
Phase Control Thyristors (Stud Version), 330 A
11-Aug-08
ST330S04P1 VISHAY-ST330S04P1 Datasheet
178Kb / 9P
Phase Control Thyristors
08-Jul-14
ST330S16P0PBF VISHAY-ST330S16P0PBF Datasheet
140Kb / 7P
Phase Control Thyristors (Stud Version), 330 A
11-Aug-08
ST330S16P1PBF VISHAY-ST330S16P1PBF Datasheet
140Kb / 7P
Phase Control Thyristors (Stud Version), 330 A
11-Aug-08
ST330SPBF VISHAY-ST330SPBF Datasheet
140Kb / 7P
Phase Control Thyristors (Stud Version), 330 A
11-Aug-08
More results

Similar Description - ST330S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
111RKI IRF-111RKI Datasheet
283Kb / 7P
PHASE CONTROL THYRISTORS Stud Version
181RKI IRF-181RKI Datasheet
224Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
ST110S IRF-ST110S Datasheet
232Kb / 9P
PHASE CONTROL THYRISTORS Stud Version
ST180S IRF-ST180S Datasheet
290Kb / 10P
PHASE CONTROL THYRISTORS Stud Version
ST230S IRF-ST230S Datasheet
289Kb / 10P
PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
80RIA IRF-80RIA Datasheet
98Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
Phase Control Thyristors (Stud Version), 110 A
11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
Phase Control Thyristors (Stud Version), 110 A
04-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com