Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST700C Datasheet(PDF) 3 Page - International Rectifier

Part # ST700C
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST700C Datasheet(HTML) 3 Page - International Rectifier

  ST700C Datasheet HTML 1Page - International Rectifier ST700C Datasheet HTML 2Page - International Rectifier ST700C Datasheet HTML 3Page - International Rectifier ST700C Datasheet HTML 4Page - International Rectifier ST700C Datasheet HTML 5Page - International Rectifier ST700C Datasheet HTML 6Page - International Rectifier ST700C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ST700C..L Series
3
www.irf.com
Bulletin I25190 rev. D 04/00
di/dt
Max. non-repetitive rate of rise
Gate drive 20V, 20
Ω, t
r ≤
1µs
of turned-on current
T
J = T J max, anode voltage ≤ 80%
V
DRM
Gate current 1A, di
g
/dt = 1A/µs
V
d
= 0.67% V
DRM, TJ = 25°C
I
TM
= 750A, T
J
= T
J
max, di/dt = 60A/µs, V
R
= 50V
dv/dt = 20V/µs, Gate 0V 100
Ω, t
p
= 500µs
Parameter
ST700C..L
Units Conditions
Switching
1000
A/µs
t
d
Typical delay time
1.0
t
q
Typical turn-off time
150
µs
dv/dt
Maximum critical rate of rise of
off-state voltage
I
DRM
Max. peak reverse and off-state
I
RRM
leakage current
Blocking
500
V/
µsT
J
= T
J
max. linear to 80% rated V
DRM
Parameter
ST700C..L
Units Conditions
80
mA
T
J
= T
J
max, rated V
DRM
/V
RRM
applied
P
GM
Maximum peak gate power
10.0
T
J
= T
J
max, t
p ≤
5ms
P
G(AV)
Maximum average gate power
2.0
T
J = TJ max, f = 50Hz, d% = 50
I
GM
Max. peak positive gate current
3.0
A
T
J
= T
J
max, t
p ≤
5ms
+V
GM
Maximum peak positive
gate voltage
-V
GM
Maximum peak negative
gate voltage
T
J = - 40°C
mA
T
J
= 25°C
T
J
= 125°C
T
J
= - 40°C
VT
J
= 25°C
T
J = 125°C
I
GD
DC gate current not to trigger
10
mA
Parameter
ST700C..L
Units Conditions
20
5.0
Triggering
TYP.
MAX.
200
-
100
200
50
-
2.5
-
1.8
3.0
1.1
-
V
GD
DC gate voltage not to trigger
0.25
V
Max. gate current/voltage not to
trigger is the max. value which
will not trigger any unit with rated
V
DRM
anode-to-cathode applied
T
J = TJ max
Max. required gate trigger/ cur-
rent/ voltage are the lowest value
which will trigger all units 12V
anode-to-cathode applied
V
GT
DC gate voltage required
to trigger
I
GT
DC gate current required
to trigger
W
V
T
J
= T
J
max, t
p ≤
5ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com