Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST700C Datasheet(PDF) 4 Page - International Rectifier

Part # ST700C
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST700C Datasheet(HTML) 4 Page - International Rectifier

  ST700C Datasheet HTML 1Page - International Rectifier ST700C Datasheet HTML 2Page - International Rectifier ST700C Datasheet HTML 3Page - International Rectifier ST700C Datasheet HTML 4Page - International Rectifier ST700C Datasheet HTML 5Page - International Rectifier ST700C Datasheet HTML 6Page - International Rectifier ST700C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ST700C..L Series
4
www.irf.com
Bulletin I25190 rev. D 04/00
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJ-hs
Max. thermal resistance,
0.073
DC operation single side cooled
junction to heatsink
0.031
DC operation double side cooled
R
thC-hs Max. thermal resistance,
0.011
DC operation single side cooled
case to heatsink
0.006
DC operation double side cooled
F
Mounting force, ± 10%
14700
N
(1500)
(Kg)
wt
Approximate weight
255
g
Parameter
ST700C..L
Units
Conditions
K/W
°C
Case style
TO - 200AC (B-PUK)
See Outline Table
K/W
Thermal and Mechanical Specification
Single Side Double Side
Single Side Double Side
180°
0.009
0.009
0.006
0.006
120°
0.011
0.011
0.011
0.011
90°
0.014
0.014
0.015
0.015
K/W
T
J = TJ max.
60°
0.020
0.020
0.021
0.021
30°
0.036
0.036
0.036
0.036
Sinusoidal conduction
Rectangular conduction
Conduction angle
Units
Conditions
∆R
thJ-hs
Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
-
C = Ceramic Puk
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Rating Table)
6
-
L = Puk Case TO-200AC (B-PUK)
7
-
0 = Eyelet terminals (Gate and Auxiliary Cathode Unsoldered Leads)
1 = Fast-on terminals (Gate and Auxiliary Cathode Unsoldered Leads)
2 = Eyelet terminals (Gate and Auxiliary Cathode Soldered Leads)
3 = Fast-on terminals (Gate and Auxiliary Cathode Soldered Leads)
8
-
Critical dv/dt: None = 500V/µsec (Standard selection)
L
= 1000V/µsec (Special selection)
Ordering Information Table
Device Code
5
1
2
3
4
ST
70
0
C
20
L
1
7
6
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com