Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST700C Datasheet(PDF) 2 Page - International Rectifier

Part # ST700C
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST700C Datasheet(HTML) 2 Page - International Rectifier

  ST700C Datasheet HTML 1Page - International Rectifier ST700C Datasheet HTML 2Page - International Rectifier ST700C Datasheet HTML 3Page - International Rectifier ST700C Datasheet HTML 4Page - International Rectifier ST700C Datasheet HTML 5Page - International Rectifier ST700C Datasheet HTML 6Page - International Rectifier ST700C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ST700C..L Series
2
www.irf.com
Bulletin I25190 rev. D 04/00
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
V
DRM
/V
RRM
, max. repetitive
V
RSM
, maximum non-
I
DRM
/I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
@ T
J = T J max
VV
mA
12
1200
1300
16
1600
1700
ST700C..L
18
1800
1900
80
20
2000
2100
I
T(AV)
Max. average on-state current
910 (355)
A
180° conduction, half sine wave
@ Heatsink temperature
55 (85)
°C
double side (single side) cooled
I
T(RMS)
Max. RMS on-state current
1857
DC @ 25°C heatsink temperature double side cooled
I
TSM
Max. peak, one-cycle
15700
t = 10ms
No voltage
non-repetitive surge current
16400
A
t = 8.3ms
reapplied
13200
t = 10ms
100% V
RRM
13800
t = 8.3ms
reapplied
Sinusoidal half wave,
I
2 t
Maximum I
2 t for fusing
1232
t = 10ms
No voltage
Initial T
J = TJ max.
1125
t = 8.3ms
reapplied
871
t = 10ms
100% V
RRM
795
t = 8.3ms
reapplied
I
2√t
Maximum I
2 √t for fusing
12321
KA
2√s t = 0.1 to 10ms, no voltage reapplied
V
T(TO) 1
Low level value of threshold
voltage
V
T(TO) 2
High level value of threshold
voltage
r
t1
Low level value of on-state
slope resistance
r
t2
High level value of on-state
slope resistance
V
TM
Max. on-state voltage
1.80
V
I
pk
= 2000A, T
J
= T
J
max, t
p
= 10ms sine pulse
I
H
Maximum holding current
600
I
L
Typical latching current
1000
1.00
(16.7% x
π x I
T(AV) < I < π x IT(AV) ), TJ = TJ max.
0.40
(16.7% x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
0.35
(I >
π x I
T(AV)),TJ = TJ max.
Parameter
ST700C..L
Units Conditions
1.13
(I >
π x I
T(AV) ),TJ = TJ max.
On-state Conduction
KA
2s
V
m
Ω
mA
T
J
= 25°C, anode supply 12V resistive load



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com