Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7350 Datasheet(PDF) 12 Page - International Rectifier

Part # IRF7350
Description  Power MOSFET(Vdss=-100V)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7350 Datasheet(HTML) 12 Page - International Rectifier

Back Button IRF7350 Datasheet HTML 8Page - International Rectifier IRF7350 Datasheet HTML 9Page - International Rectifier IRF7350 Datasheet HTML 10Page - International Rectifier IRF7350 Datasheet HTML 11Page - International Rectifier IRF7350 Datasheet HTML 12Page - International Rectifier IRF7350 Datasheet HTML 13Page - International Rectifier IRF7350 Datasheet HTML 14Page - International Rectifier IRF7350 Datasheet HTML 15Page - International Rectifier IRF7350 Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
IRF7350
12
www.irf.com
Fig 32. Typical On-Resistance Vs. Drain
Current
Fig 31. Typical On-Resistance Vs. Gate
Voltage
Fig 33. Typical Threshold Voltage Vs.
Junction Temperature
Fig 34. Typical Power Vs. Time
P-CHANNEL
5.0
7.0
9.0
11.0
13.0
15.0
-VGS, Gate -to -Source Voltage (V)
0.30
0.40
0.50
0.60
0.70
0.80
ID = -1.5A
VGS = -10V
0
1
2
3
4
5
6
-ID , Drain Current (A)
0.400
0.425
0.450
0.475
0.500
-75
-50
-25
0
25
50
75
100
125
150
TJ , Temperature ( °C )
2.0
2.5
3.0
3.5
4.0
ID = -250µA
1.00
10.00
100.00
1000.00
Time (sec)
0
10
20
30
40
50
60
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com