Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7350 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7350
Description  Power MOSFET(Vdss=-100V)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7350 Datasheet(HTML) 2 Page - International Rectifier

  IRF7350 Datasheet HTML 1Page - International Rectifier IRF7350 Datasheet HTML 2Page - International Rectifier IRF7350 Datasheet HTML 3Page - International Rectifier IRF7350 Datasheet HTML 4Page - International Rectifier IRF7350 Datasheet HTML 5Page - International Rectifier IRF7350 Datasheet HTML 6Page - International Rectifier IRF7350 Datasheet HTML 7Page - International Rectifier IRF7350 Datasheet HTML 8Page - International Rectifier IRF7350 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IRF7350
2
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board
„ N channel: Starting T
J = 25°C, L = 4.0mH, RG = 25Ω, IAS = 4.2A
P channel: Starting TJ = 25°C, L = 11mH, RG = 25Ω, IAS = -3.0A
Parameter
Min. Typ. Max. Units
Conditions
N-Ch 100
——
VGS = 0V, ID = 250µA
P-Ch -100
——
VGS = 0V, ID = -250µA
N-Ch
—
0.12
—
Reference to 25°C, ID = 1mA
P-Ch
—
-0.11
—
Reference to 25°C, ID = -1mA
N-Ch 2.0
—
4.0
VDS = VGS, ID = 250µA
P-Ch -2.0
—
-4.0
VDS = VGS, ID = -250µA
N-Ch 2.4
——
VDS = 50V, ID = 2.1A
P-Ch 1.1
——
VDS = -50V, ID = -1.5A
N-Ch
——
25
VDS = 100V, VGS = 0V
‚
P-Ch
——
-25
VDS = -100V, VGS = 0V
‚
N-Ch
——
250
VDS = 80 V, VGS = 0V, TJ = 70°C
P-Ch
——
-250
VDS = -80V, VGS = 0V, TJ = 70°C
IGSS
Gate-to-Source Forward Leakage
N-P
––
—
±100
VGS = ± 20V
N-Ch
—
19
28
P-Ch
—
21
31
N-Ch
—
3.0
4.5
P-Ch
—
3.4
5.1
N-Ch
—
8.8
13
P-Ch
—
10
16
N-Ch
—
6.7
—
P-Ch
—
25
—
N-Ch
—
11
—
P-Ch
—
13
—
N-Ch
—
35
—
P-Ch
—
30
—
N-Ch
—
20
—
P-Ch
—
40
—
N-Ch
—
380
—
P-Ch
—
360
—
N-Ch
—
100
—
P-Ch
—
110
—
N-Ch
—
54
—
P-Ch
—
65
—
V(BR)DSS
Drain-to-Source Breakdown Voltage
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
Forward Transconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total Gate Charge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
V
V/°C
Ω
V
S
µA
nC
ns
pF
N-Channel
ID = 2.1A, VDS = 80V, VGS = 10V
P-Channel
ID = -1.5A, VDS = -80V, VGS = -10V
N-Channel
VDD = 50V, ID = 1.0A, RG = 22Ω,
RD = 50Ω, VGS = 10V
‚
P-Channel
VDD = -50V, ID = -1.0A, RG = 22Ω,
RD = 50Ω, VGS = -10V
P-Channel
VGS = 0V, VDS = -25V, ƒ = 1.0MHz
P-Ch
Parameter
Min. Typ. Max. Units
Conditions
N-Ch
——
1.8
P-Ch
——
-1.4
N-Ch
——
8.4
P-Ch
——
-6.0
N-Ch
——
1.3
TJ = 25°C, IS = 1.8A, VGS = 0V
‚
P-Ch
——
-1.6
TJ = 25°C, IS = -1.4A, VGS = 0V
‚
N-Ch
—
72
110
P-Ch
—
77
120
N-Ch
—
205
310
P-Ch
—
240
360
Source-Drain Ratings and Characteristics
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode)

VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF = 1.8A, di/dt = 100A/µs
P-Channel
‚
TJ = 25°C, IF = -1.4A, di/dt = -100A/µs
N-Ch
—
VGS = 10V, ID = 2.1A
‚
0.21
—
—
—
0.48
VGS = -10V, ID = -1.5A
‚
N-Channel
VGS = 0V, VDS = 25V, ƒ = 1.0MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com