Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7350 Datasheet(PDF) 13 Page - International Rectifier

Part # IRF7350
Description  Power MOSFET(Vdss=-100V)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7350 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRF7350 Datasheet HTML 8Page - International Rectifier IRF7350 Datasheet HTML 9Page - International Rectifier IRF7350 Datasheet HTML 10Page - International Rectifier IRF7350 Datasheet HTML 11Page - International Rectifier IRF7350 Datasheet HTML 12Page - International Rectifier IRF7350 Datasheet HTML 13Page - International Rectifier IRF7350 Datasheet HTML 14Page - International Rectifier IRF7350 Datasheet HTML 15Page - International Rectifier IRF7350 Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
IRF7350
www.irf.com
13
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
Fig 36. Gate Charge Test Circuit
Fig 37. Basic Gate Charge Waveform
Fig 35a. Maximum Avalanche Energy
Vs. Drain Current
Fig 35d. Unclamped Inductive Waveforms
Fig 35c. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
Ω
tp
D.U.T
L
V DS
+
-
VDD
DRIV E R
A
15 V
20V
P-CHANNEL
25
50
75
100
125
150
0
24
48
72
96
120
Starting T , Junction Temperature
( C)
J
°
ID
TOP
BOTTOM
-1.3A
-2.4A
-3.0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com