Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1330 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 9Page - STMicroelectronics AN1330 Datasheet HTML 10Page - STMicroelectronics AN1330 Datasheet HTML 11Page - STMicroelectronics AN1330 Datasheet HTML 12Page - STMicroelectronics AN1330 Datasheet HTML 13Page - STMicroelectronics AN1330 Datasheet HTML 14Page - STMicroelectronics AN1330 Datasheet HTML 15Page - STMicroelectronics AN1330 Datasheet HTML 16Page - STMicroelectronics AN1330 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AN1330
Closing the loop
13/31
Figure 10.
Error amplifier equivalent circuit and compensation network
The poles of this transfer function are (if Cc >> C0+CP):
Equation 3
Equation 4
where the zero is defined as:
Equation 5
FP1 is the low frequency which sets the bandwidth, while the zero FZ1 is usually put near to
the frequency of the double pole of the L-C filter (see below). FP2 is usually at a very high
frequency.
4.2
LC filter
The transfer function of the L-C filter is given by:
Equation 6
where RLOAD is defined as the ratio between VOUT and IOUT.
If RLOAD>>ESR, the previous expression of ALC can be simplified and becomes:
F
P1
1
2
π
•
R
0
•
C
c
•
-------------------------------------
=
F
P2
1
2
π
•
R
c
•
C
0
C
p
+
()
•
--------------------------------------------------------
=
F
Z1
1
2
π
•
R
c
•
C
c
•
-------------------------------------
=
A
LC s
()
R
LOAD
1
ESR
C
OUT
s
•
•
+
()
•
s
2
LC
OUT
ESR
R
LOAD
+
() s
ESR
C
OUT
•
R
LOAD
L
+
•
() R
LOAD
+
•
+
•
•
•
----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com