Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1330 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 17Page - STMicroelectronics AN1330 Datasheet HTML 18Page - STMicroelectronics AN1330 Datasheet HTML 19Page - STMicroelectronics AN1330 Datasheet HTML 20Page - STMicroelectronics AN1330 Datasheet HTML 21Page - STMicroelectronics AN1330 Datasheet HTML 22Page - STMicroelectronics AN1330 Datasheet HTML 23Page - STMicroelectronics AN1330 Datasheet HTML 24Page - STMicroelectronics AN1330 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
AN1330
Application information
21/31
Considering the device in an SO-8 package mounted on the board with a good groundplane,
that it has a thermal resistance-junction to-ambient (RthJ-A) of about 115 °C/W and an
ambient temperature of about 70 °C.
Equation 26
5.4
Short-circuit protection
In overcurrent protection mode, when the peak current reaches the current limit, the device
reduces the TON down to its minimum value (approximately 250 ns) and the switching
frequency to approximately one third of its nominal value (see Section 2.4: Current
protection). In these conditions, the duty cycle is strongly reduced and, in most of
applications, this is enough to limit the current to ILIM. In any event, in case of heavy short-
circuit at the output (VOUT=0 V) and depending on the application conditions (VCC value and
parasitic effect of external components) the current peak could reach values higher than
ILIM.
This can be understood considering the inductor current ripple during the ON and OFF
phases:
●
ON phase
Equation 27
●
OFF phase
Equation 28
where VD is the voltage drop across the diode, and DCRL is the series resistance of the
inductor.
In short-circuit conditions, VOUT is negligible. So, during the TOFF, the voltage applied to the
inductor is very small and it may be that the current ripple in this phase does not
compensate for the current ripple during the TON.
The maximum current peak can be easily measured through the inductor with VOUT=0 V
(short-circuit) and VCC=VINmax. In cases where the application must sustain the short-
circuit condition for an extended period, the external components (mainly the inductor and
diode) must be selected based on this value.
T
J
70
0.44
115
121
°C
≅
•
+
=
I
L
∆
V
IN
V
out
DCR
L
I
•
–
–
()
L
---------------------------------------------------------------------
T
ON
•
=
I
L
∆
V
D
V
out
DCR
L
I
•
++
()
L
------------------------------------------------------------------
T
OFF
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com