Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1330 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1330
Description  Designing with the L5970D 1A high efficiency DC-DC converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1330 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1330 Datasheet HTML 19Page - STMicroelectronics AN1330 Datasheet HTML 20Page - STMicroelectronics AN1330 Datasheet HTML 21Page - STMicroelectronics AN1330 Datasheet HTML 22Page - STMicroelectronics AN1330 Datasheet HTML 23Page - STMicroelectronics AN1330 Datasheet HTML 24Page - STMicroelectronics AN1330 Datasheet HTML 25Page - STMicroelectronics AN1330 Datasheet HTML 26Page - STMicroelectronics AN1330 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
AN1330
Application information
23/31
Figure 16.
Demonstration board application circuit
Figure 17.
PCB layout (component side)
Table 5.
Component list
Reference
Part number
Description
Manufacturer
C1
GRM32DR61E106KA12L
10 µF, 25 V
Murata
C2
POSCAP 10TPB100M
100 µF, 10 V
Sanyo
C3
C1206C221J5GAC
220 pF, 5%, 50 V
KEMET
C4
C1206C223K5RAC
22 nF, 10%, 50 V
KEMET
R1
5.6 K, 1%, 0.1 W 0603
Neohm
R2
3.3 K, 1%, 0.1 W 0603
Neohm
R3
4.7 K, 1%, 0.1 W 0603
Neohm
D1
STPS2L25U
2 A, 25 V
STMicroelectronics
L1
DO3316P-333
33 µH, 2 A
Coilcraft
AM00017v1
8
2
4
5
1
7
L5970D
C1
10
∝F
25V
CERAMIC
C2
100
∝F
10V
VOUT=3.3V
VIN = 4.4V to 25V
R1
5.6K
R2
3.3K
R3
4.7K
C4
22nF
C3
220pF
3
6
D1
STPS2L25U
3.3V
INH.
SYNC.
COMP
VCC
VREF
OUT
FB
GND
L1 33
∝H
GND
REF
VIN
C1
R2
EVAL.BOARD
L5970D
R1
www.st.com
D1
U1
R3
C3
C4
L1
C2
VOUT
GND.
SYN
INH
R
AM00018v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com