Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1518 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1518
Description  The L5973D is a step-down monolithic power switching regulator capable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1518 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1518 Datasheet HTML 9Page - STMicroelectronics AN1518 Datasheet HTML 10Page - STMicroelectronics AN1518 Datasheet HTML 11Page - STMicroelectronics AN1518 Datasheet HTML 12Page - STMicroelectronics AN1518 Datasheet HTML 13Page - STMicroelectronics AN1518 Datasheet HTML 14Page - STMicroelectronics AN1518 Datasheet HTML 15Page - STMicroelectronics AN1518 Datasheet HTML 16Page - STMicroelectronics AN1518 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AN1518
PWM comparator
13/30
where RLOAD is defined as the ratio between VOUT and IOUT.
If RLOAD>>ESR, the previous expression of ALC can be simplified and becomes:
Equation 7
The zero of this transfer function is given by:
Equation 8
F0 is the zero introduced by the ESR of the output capacitor and it is very important to
increase the phase margin of the loop.
The poles of the transfer function can be calculated through the following expression:
Equation 9
In the denominator of ALC the typical second order system equation can be recognized:
Equation 10
If the damping coefficient
δ is very close to zero, the roots of the equation become a double
root whose value is
ωn.
Similarly for ALC the poles can usually be defined as a double pole whose value is:
Equation 11
8
PWM comparator
The PWM gain is given by the following formula:
Equation 12
where VOSCMAX is the maximum value of a sawtooth waveform and VOSCMIN is the
minimum value. A voltage feed forward is implemented to ensure a constant GPWM. This is
obtained by generating a sawtooth waveform directly proportional to the input voltage VCC.
Equation 13
A
LC s
()
1
ESR
C
OUT
s
+
LC
OUT
s
2
ESR
C
OUT
s1
+
+
------------------------------------------------------------------------------------------------
=
F
O
1
2
π
ESR
C
OUT
-----------------------------------------------------
=
F
PLC1 2
,
ESR
C
OUT
ESR
C
OUT
()
2
4L
C
OUT
±
2L
C
OUT
--------------------------------------------------------------------------------------------------------------------------------------------
=
s
2
2
δ
•ω
n
s
ω
2
n
+
+
F
PLC
1
2
π
LC
OUT
------------------------------------------------
=
G
PWM s
()
V
cc
V
OSCMAX
V
OSCMIN
()
-------------------------------------------------------------
=
V
OSCMAX
V
OSCMIN
KV
CC
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com