Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1518 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1518
Description  The L5973D is a step-down monolithic power switching regulator capable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1518 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1518 Datasheet HTML 17Page - STMicroelectronics AN1518 Datasheet HTML 18Page - STMicroelectronics AN1518 Datasheet HTML 19Page - STMicroelectronics AN1518 Datasheet HTML 20Page - STMicroelectronics AN1518 Datasheet HTML 21Page - STMicroelectronics AN1518 Datasheet HTML 22Page - STMicroelectronics AN1518 Datasheet HTML 23Page - STMicroelectronics AN1518 Datasheet HTML 24Page - STMicroelectronics AN1518 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AN1518
Application information
21/30
Figure 15.
Short-circuit current VIN = 30 V
In Figure 14 and Figure 15, for example, it can be observed that when the input voltage
increases for a given component list, the current peak increases also. The current limit is
immediately triggered but the current peak increases until the current ripple during TOFF is
equal to the current ripple during TON.
9.5
Application circuit
Figure 16 shows the evaluation board application circuit, where the input supply voltage,
VCC, can range from 4.4 V to 25 V due to the voltage rating of the input capacitor, and the
output voltage is adjustable from 1.235 V to VCC.
Figure 16.
Evaluation board application circuit
Table 6.
Component list
Reference
Part number
Description
Manufacturer
C1
GRM32DR61E106KA12L
10 µF, 25 V
Murata
C2
POSCAP 6TPB330M
330 µF, 6.3 V
Sanyo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com