Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1518 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1518
Description  The L5973D is a step-down monolithic power switching regulator capable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1518 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1518 Datasheet HTML 18Page - STMicroelectronics AN1518 Datasheet HTML 19Page - STMicroelectronics AN1518 Datasheet HTML 20Page - STMicroelectronics AN1518 Datasheet HTML 21Page - STMicroelectronics AN1518 Datasheet HTML 22Page - STMicroelectronics AN1518 Datasheet HTML 23Page - STMicroelectronics AN1518 Datasheet HTML 24Page - STMicroelectronics AN1518 Datasheet HTML 25Page - STMicroelectronics AN1518 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Application information
AN1518
22/30
Figure 17.
PCB layout (component side)
Figure 18.
PCB layout (bottom side)
C3
C1206C221J5GAC
220 pF, 5%, 50 V
KEMET
C4
C1206C223K5RAC
22 nF, 10%, 50 V
KEMET
R1
5.6 k
Ω, 1%, 0.1 W 0603
Neohm
R2
3.3 k
Ω, 1%, 0.1 W 0603
Neohm
R3
4.7 k
Ω, 1%, 0.1 W 0603
Neohm
D1
STPS2L25U
2 A, 25 V
STMicroelectronics
L1
DO3316P-153
15 µH, 3 A
Coilcraft
Table 6.
Component list (continued)
Reference
Part number
Description
Manufacturer
GND
REF
VIN
C1
R2
EVAL.BOARD
L5973D
R1
www.st.com
D1
U1
R3
C3
C4
L1
C2
VOUT
GND.
SYN
INH
R
BOTTOM
21-Sep
-2007
RIGO
LS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com