Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1673 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1673
Description  L6598 OFF-LINE CONTROLLER FOR RESONANT CONVERTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1673 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1673 Datasheet HTML 9Page - STMicroelectronics AN1673 Datasheet HTML 10Page - STMicroelectronics AN1673 Datasheet HTML 11Page - STMicroelectronics AN1673 Datasheet HTML 12Page - STMicroelectronics AN1673 Datasheet HTML 13Page - STMicroelectronics AN1673 Datasheet HTML 14Page - STMicroelectronics AN1673 Datasheet HTML 15Page - STMicroelectronics AN1673 Datasheet HTML 16Page - STMicroelectronics AN1673 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13/24
AN1673 APPLICATION NOTE
Figure 16. Vout + I(Cres) characteristics.
The control of magnetizing inductance (in the LCL topology) can play an important role in the energy man-
agement; its value (and its ratio with L-SERIES) will affect more than one behavior of the application.
Assuming the load is disconnected, the maximum current occurs at the peak of F01 resonance that con-
cerns the path LMAGNETIZING + CRES.
The value of the magnetizing inductance will be (usually) significantly higher than the series inductance,
consistently; the "lowest" resonance (F01) is mainly dependant on its values.
We can define F01 "lowest" resonance to well remind that the switching frequency must not be lower than
its value.
In fact, forcing the half bridge working at lower frequency (F01), the series circuit represents a capacitive
load. This condition cannot be accepted in the application for the following reasons:
– In capacitive load the "zero voltage switch operation" is lost with resulting significant power dissipation
(hard switching).
– In closed loop, the transfer function should be reversed (when going in below resonance) and the con-
trol should be lost.
To summarize:
It is needed to operate in the "inductive region" of the curve. In this way, the higher frequency applied to
the resonant net, the lower is the resulting power.
It is remarkable that, working in the deep inductive mode (far from the peak of resonance), the current
moves from sinusoidal shape to triangular and wide frequency change is requested to control the regula-
tion.
On the contrary, working as close as possible to the resonance, for a given load change, the frequency
variation will be minimized.
If the application is designed to operate between to the "lowest" resonance (F01) and the second reso-
nance (F02), it will be verified that the primary current (at the switch off time of one of the two Powermos),
should not be too low in order to ensure the energy needed for soft switching in all condition.
The L6598 function and the resonance's effects in the regulation have been discussed. Now we can start
to describe some design criteria.
5
µsec/div.
0
200
400
600
-1
0
1
2
(1)
(1)
(2)
(2)
VOUT
(V)
I(Cres)
D03IN1449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com