Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1673 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1673
Description  L6598 OFF-LINE CONTROLLER FOR RESONANT CONVERTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1673 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1673 Datasheet HTML 16Page - STMicroelectronics AN1673 Datasheet HTML 17Page - STMicroelectronics AN1673 Datasheet HTML 18Page - STMicroelectronics AN1673 Datasheet HTML 19Page - STMicroelectronics AN1673 Datasheet HTML 20Page - STMicroelectronics AN1673 Datasheet HTML 21Page - STMicroelectronics AN1673 Datasheet HTML 22Page - STMicroelectronics AN1673 Datasheet HTML 23Page - STMicroelectronics AN1673 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23/24
AN1673 APPLICATION NOTE
APPENDIX A.
A practical way to handle the resonant components is to adopt the normalized voltage and current.
The minimum operative frequency has been set at 65kHz. This frequency can be considered a good com-
promise for holding the transformer's magnetic set low size and to avoid the high frequency problems (e.g.
skin effect, switching losses and so on).
Let us fix the normalized out put voltage M = 0.98
Assume normalized operating current as J = 0.2
Where: Ro is characteristic impedance =
The resonant Zo can be calculated as
Zo = 120
– The resonant capacitor will be:
– The resonant Inductance
REFERENCES:
[1] A Comparison of Half-Bridge Resonant Converter Topologies.
ROBERT L. STEIGERWALD,
IEEE Transactions on Power Electronics. April 1988.
[2] Small signal ac equivalent circuit modeling of the series resonant converter.
Arthur F. Witulski ; Robert W. Erickson IEEE Power Electronics Specialist Conference 1987
[3] Analysis and Design of LCL-Type Series Resonant Converter.
By Ashoka K.S. Bhat,
IEEE Transactions on Industrial Electronics. February 1994.
[4] Design Optimization for an LCL-Type Series Resonant Converter
M. B. Borage, S.R. Tiwari and S. Kotaiah; Power Supplies Division - Center for Advanced Technology
Indore, India
www.powerpulse.net/powerpulse/archive/aa_030501a1.stm
[5] Application note: AN966; AN1300
STMicroelectronics
M
V
o
n
V
in max
()
2
----------------------
----------------------





J
I
o
R
o
n
V
in max
()
2
----------------------
------------------------------





Lr
Cr
------
Z
o
V
in
2
--------


2
JM
⋅⋅
V
o
I
o
----------------------------------
=
Cr
1
Z
o
ω
---------------
Cr
1
110 2
π 65 10
3
⋅⋅
----------------------------------------------
20nF
≅≅
Lr
Z
o
ω
------
Lr
110
2
π 65 10
3
⋅⋅
--------------------------------
295
µH
≅≅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com