Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1673 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1673
Description  L6598 OFF-LINE CONTROLLER FOR RESONANT CONVERTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1673 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1673 Datasheet HTML 16Page - STMicroelectronics AN1673 Datasheet HTML 17Page - STMicroelectronics AN1673 Datasheet HTML 18Page - STMicroelectronics AN1673 Datasheet HTML 19Page - STMicroelectronics AN1673 Datasheet HTML 20Page - STMicroelectronics AN1673 Datasheet HTML 21Page - STMicroelectronics AN1673 Datasheet HTML 22Page - STMicroelectronics AN1673 Datasheet HTML 23Page - STMicroelectronics AN1673 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AN1673 APPLICATION NOTE
22/24
The PFC section of the present application has been designed to pre regulate 400V and to deliver 80W.
The AC mains voltage can range from 85V to 264 V.
For a detailed description of the L6561 operation, refer to AN966.
Evaluation result.
The demo board has been evaluated in two different modes. The first evaluation (see table_01) has been
done for the resonant converter section (not included the PFC pre regulator circuit) at two different output
power levels.
In practice the resonant converter has been supplied using a 400V DC power supply and it has been eval-
uated its efficiency.
Table 1.
Input supply Voltage = +400 VDC
The second evaluation (see Table 2) has been done for the entire application circuit, including the PFC.
The load has been changed as in the first evaluation (3.8A and 2A), moreover it have been set four sig-
nificant values of the mains voltage according to the requested wide range.
Table 2a.
Output loaded @ 3.8A.
Table 2b.
Half load (@ 2A).
Pin=72W
Vo=17.8V
Io=3.8A
Po=67.64
n=93.9%
Pin=39W
Vo=17.8V
Io=2A
Po=35.6
n=91.3%
Vin=88Vac
Pin=77.5W
Vo=17.8V
Io=3.8A
Po=67.64
n=87.3%
Vin=110Vac
Pin=76.35W
Vo=17.8V
Io=3.8A
Po=67.64
n=88.6%
Vin=220Vac
Pin=74.7W
Vo=17.8V
Io=3.8A
Po=67.64
n=90.5%
Vin=255 Vac
Pin=74.4W
Vo=17.8V
Io=3.8A
Po=67.64
n=91%
Vin=88Vac
Pin=41W
Vo=17.82V
Io=2A
Po=35.64
n=86.93%
Vin=110Vac
Pin=40.5W
Vo=17.82V
Io=2A
Po=35.64
n=88%
Vin=220Vac
Pin=40.3W
Vo=17.82V
Io=2A
Po=35.64
n=88.4%
Vin=255 Vac
Pin=40.3W
Vo=17.82V
Io=2A
Po=35.64
n=88.4%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com