Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1902 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1902
Description  DEVICES TO DRIVE 58W TL TUBES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1902 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1902 Datasheet HTML 9Page - STMicroelectronics AN1902 Datasheet HTML 10Page - STMicroelectronics AN1902 Datasheet HTML 11Page - STMicroelectronics AN1902 Datasheet HTML 12Page - STMicroelectronics AN1902 Datasheet HTML 13Page - STMicroelectronics AN1902 Datasheet HTML 14Page - STMicroelectronics AN1902 Datasheet HTML 15Page - STMicroelectronics AN1902 Datasheet HTML 16Page - STMicroelectronics AN1902 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
13/32
AN1902 - APPLICATION NOTE
Figure 15: Operation during the EoL phase
3.5.2 OVERTEMPERATURE
A thermal protection is activated when the junction temperature exceeds ~150°C. Its effect is the same of
the EoL detection. For the timing definition it must be considered that the current generator on CapEOL
pin is activated during the tON of the device.
The duration of the over-temperature condition before latching (tTH) can be calculated as follows
where:
iEOL= 350µA;
∆v
EOL =4.3V.
3.5.3 OVERCURRENT
The network D1, Dz1 and R6 connected between SEC and CAP1 pins realizes the overcurrent
protection limiting the maximum accepted peak current. This function is very useful during the ignition
and the EoL, where the converter, working very close to the resonance frequency (f1), can reach very
high current levels (possibility of saturation of the transformer). This circuit is applied only on the low side
VK06. It works anticipating the device switch OFF when a defined current level is reached, in other words
the working frequency is increased. The modality is the following: an increasing in the current value
causes an increase of the secondary winding voltage (we are working at the resonance frequency). As
soon as this voltage exceeds the zener Dz1 + diode D1 breakdown, an amount of current will flow into
Choke Current
LS CapEOL pin Voltage
tth
C
8
v
EOL
∆
I
EOL
2
----------
---------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com