Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1902 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1902
Description  DEVICES TO DRIVE 58W TL TUBES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1902 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1902 Datasheet HTML 19Page - STMicroelectronics AN1902 Datasheet HTML 20Page - STMicroelectronics AN1902 Datasheet HTML 21Page - STMicroelectronics AN1902 Datasheet HTML 22Page - STMicroelectronics AN1902 Datasheet HTML 23Page - STMicroelectronics AN1902 Datasheet HTML 24Page - STMicroelectronics AN1902 Datasheet HTML 25Page - STMicroelectronics AN1902 Datasheet HTML 26Page - STMicroelectronics AN1902 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
23/32
AN1902 - APPLICATION NOTE
Figure 25: Start-up phase
Figure 26: First oscillation cycles after the diac strike
4.4.2 PRE-HEATING PHASE
The preheating frequency has to be fixed in order to reach a current level enough to heat the cathodes
without tube ignition. Figure 27 shows the main waveforms of the LS device.
LS DIAC pin voltage
LS VCC pin voltage
LS VCC pin voltage
Mid point voltage
LS collector current
LS DIAC pin voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com