Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1902 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1902
Description  DEVICES TO DRIVE 58W TL TUBES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1902 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1902 Datasheet HTML 17Page - STMicroelectronics AN1902 Datasheet HTML 18Page - STMicroelectronics AN1902 Datasheet HTML 19Page - STMicroelectronics AN1902 Datasheet HTML 20Page - STMicroelectronics AN1902 Datasheet HTML 21Page - STMicroelectronics AN1902 Datasheet HTML 22Page - STMicroelectronics AN1902 Datasheet HTML 23Page - STMicroelectronics AN1902 Datasheet HTML 24Page - STMicroelectronics AN1902 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
21/32
AN1902 - APPLICATION NOTE
4.3. PCB DEFINITION
In figures 21 and 22 the proposed PCB for both SMD and trough hole demoboards are shown.
Figure 21: SMD PCB Bottom view (not in scale)
Figure 22: Through hole PCB Bottom view (not in scale)
The components placement on the PCB is important and few simple rules have to be followed for its
realization.
1) Frequency capacitor placement:
These components must be connected as close as possible to the CAP1 pin.
2) Ground path:
The ground paths (signal and power) must be separate in order to reduce interference on the logic part.
In figure 23 an example of this rule is shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com