Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2067 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2067
Description  LED manufacturers propose white LEDs inside a monolithic chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2067 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2067 Datasheet HTML 9Page - STMicroelectronics AN2067 Datasheet HTML 10Page - STMicroelectronics AN2067 Datasheet HTML 11Page - STMicroelectronics AN2067 Datasheet HTML 12Page - STMicroelectronics AN2067 Datasheet HTML 13Page - STMicroelectronics AN2067 Datasheet HTML 14Page - STMicroelectronics AN2067 Datasheet HTML 15Page - STMicroelectronics AN2067 Datasheet HTML 16Page - STMicroelectronics AN2067 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DocID10973 Rev 2
13/25
AN2067
Switching cycle
25
5
Switching cycle
Figure 4 and Figure 5 show the drain voltage and drain current respectively in discontinuous
mode and continuous mode, with a 40 W static load, and input voltage respectively at 400 V
and 100 V. Figure 7 and Figure 9 present drain voltage, drain current, VCOMP and VOUT
voltage in burst mode. The output (static) load is 4 W (40 V, 100 mA), and input voltage is
respectively at 100 V and 400 V.
Table 2. Transformer specifications
Parameter
Turn ratio
Number
of turns
Number
of wires
Wire (mm)
Max. current
(A)
Primary inductance
Lprim: 0.5 mH Lleak < 4
µH (0.8%) core: E25H
52
2
0.4
2.3
Primary auxiliary winding
0.211
11
1
~0.2
<0.1
Secondary winding
0.5
26
1
0.7
1
Secondary auxiliary winding
0.077
4
1
~0.2
<0.1
Figure 4. Discontinuous mode (40 W/VIN=400 V) Figure 5. Burst mode (PLOAD=4 W; VIN=100 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com