Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2067 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2067
Description  LED manufacturers propose white LEDs inside a monolithic chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2067 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2067 Datasheet HTML 17Page - STMicroelectronics AN2067 Datasheet HTML 18Page - STMicroelectronics AN2067 Datasheet HTML 19Page - STMicroelectronics AN2067 Datasheet HTML 20Page - STMicroelectronics AN2067 Datasheet HTML 21Page - STMicroelectronics AN2067 Datasheet HTML 22Page - STMicroelectronics AN2067 Datasheet HTML 23Page - STMicroelectronics AN2067 Datasheet HTML 24Page - STMicroelectronics AN2067 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
DocID10973 Rev 2
23/25
AN2067
Bill of material
25
DZ14
12 V/0.5 W
1
F1
Fuse
1
J1
1
J2
1
J3
1
J101
1
J102
1
J103
1
J107
Vref_in
1
L101
10 uH
1
P101
1 K
1
P1011
1 K
1
Q1
BC546/VCEO=100 V/1 W
1
R2
10
1
R4
47 k
Ω/4 W
1
R5
5.1 k
Ω
1
R9
6.8 k
Ω
1
R14
3.3 k
Ω/0.5 W
1
R100
0.25
Ω
1
R101
12 k
Ω
1
R102
680
Ω
1
R103
2.2 k
Ω
1
R104
1
Ω
1
R105
1.8 k
Ω
1
R106
56 k
Ω
1
R107
6.8 k
Ω
1
R108
100 k
Ω
1
R109
1 k
Ω
1
R122
3.3
Ω
1
R131
1.8 k
Ω
1
TR1
LN_FILTER
1
TR2
E25
1
U1
VIPer53DIP-E
1
U2
PC817
1
U101
TSM101
1
Table 3. Bill of material (continued)
Symbol
Description
Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com