Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2359 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2359
Description  Double output Buck-Boost converter with VIPerX2A
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2359 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2359 Datasheet HTML 3Page - STMicroelectronics AN2359 Datasheet HTML 4Page - STMicroelectronics AN2359 Datasheet HTML 5Page - STMicroelectronics AN2359 Datasheet HTML 6Page - STMicroelectronics AN2359 Datasheet HTML 7Page - STMicroelectronics AN2359 Datasheet HTML 8Page - STMicroelectronics AN2359 Datasheet HTML 9Page - STMicroelectronics AN2359 Datasheet HTML 10Page - STMicroelectronics AN2359 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AN2359
Application example nº 1
7/18
Figure 1.
Converter schematic
Table 3.
Component list
Reference
Value
Description
RFUSE
22
Ω, 1/2W
Metallic oxide resistor
RSN, R1
1.2K
Ω, 1/4W
Resistor
R2
22
Ω, 1/2W
Resistor
R3
68
Ω, 1/4W
Resistor
Rb1, Rb2
Optional resistor
CSN
0.1
µF, 400V
Polyester capacitor
C1, C2
10
µF, 400V
Electrolytic capacitor
C3
10
µF, 50V
Electrolytic capacitor
C4
22nF, 35V
Ceramic capacitor
C5
0.47
µF, 50V
Electrolytic capacitor
C6
4.7
µF, 50V
Electrolytic capacitor
C7
220
µF, 16V
Electrolytic capacitor
C8
470
µF, 16V
Electrolytic capacitor
D1
Diode 1N4007
D2, D3
Diode BA157
D4, D5
Diode STTH106 (ultrafast)
DZ1
Diode Zener 6.8V
DZ2
Diode Zener 4.3V
Q1
PNP transistor BC558
L1
470
µH
Axial inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com