Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2359 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2359
Description  Double output Buck-Boost converter with VIPerX2A
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2359 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2359 Datasheet HTML 5Page - STMicroelectronics AN2359 Datasheet HTML 6Page - STMicroelectronics AN2359 Datasheet HTML 7Page - STMicroelectronics AN2359 Datasheet HTML 8Page - STMicroelectronics AN2359 Datasheet HTML 9Page - STMicroelectronics AN2359 Datasheet HTML 10Page - STMicroelectronics AN2359 Datasheet HTML 11Page - STMicroelectronics AN2359 Datasheet HTML 12Page - STMicroelectronics AN2359 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AN2359
Application example nº 1
9/18
75
150
11.23
5.01
7.01
2.24
1.59
71.05
75
300
11.37
4.99
10.53
3.37
2.35
69.73
150
0
10.4
5.01
6.7
2.14
1.56
72.76
150
150
11.01
5
10.38
3.32
2.40
72.30
150
300
12.21
4.98
14.44
4.62
3.33
71.97
Table 6.
Circuit characterization - VIN = 374VDC
IOUT1 [mA] IOUT2 [mA] VOUT1[V]
VOUT2[V]
IIN [mA]
PIN [W]
POUT[W]
η[%]
0
0
11.74
5.06
0.44
0.16
0.00
0.00
0
150
15.77
5.02
3.39
1.27
0.75
59.39
0
300
16.51
5
6.38
2.39
1.50
62.86
75
0
10.54
5.02
3.09
1.16
0.79
68.40
75
150
11.26
5.01
6.18
2.31
1.60
69.05
75
300
11.41
5
9.36
3.50
2.36
67.29
150
0
10.4
5.01
5.92
2.21
1.56
70.46
150
150
11.05
5.01
9.26
3.46
2.41
69.56
150
300
11.2
4.98
12.74
4.76
3.17
66.61
Table 5.
Circuit characterization - VIN = 320VDC
IOUT1 [mA] IOUT2 [mA] VOUT1[V]
VOUT2[V]
IIN [mA]
PIN [W]
POUT[W]
η[%]
Figure 2.
Typical waveforms at 88VAC: open
load
Figure 3.
Typical waveforms at 88VAC: full
load
Ch1 Freq - 2.38kHz
Ch2 Max - 228mA
Ch1 Freq - 59.61kHz
Ch2 Max - 572mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com