Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2359 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2359
Description  Double output Buck-Boost converter with VIPerX2A
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2359 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2359 Datasheet HTML 1Page - STMicroelectronics AN2359 Datasheet HTML 2Page - STMicroelectronics AN2359 Datasheet HTML 3Page - STMicroelectronics AN2359 Datasheet HTML 4Page - STMicroelectronics AN2359 Datasheet HTML 5Page - STMicroelectronics AN2359 Datasheet HTML 6Page - STMicroelectronics AN2359 Datasheet HTML 7Page - STMicroelectronics AN2359 Datasheet HTML 8Page - STMicroelectronics AN2359 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AN2359
List of figures
3/18
List of figures
Figure 1.
Converter schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 2.
Typical waveforms at 88VAC: open load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 3.
Typical waveforms at 88VAC: full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
Typical waveforms at 265VAC: open load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
Typical waveforms at 265VAC: full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
Commutation at full load: 88VAC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
Commutation at full load: 265VAC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
Output ripple voltage at full load: 88VAC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 9.
Output ripple voltage at full load: 265VAC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 10.
Turn on losses measurement at full load: 88VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 11.
Turn on losses measurement at full load: 265VAC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 12.
VIPer22A Thermal profile: at VIN= 88VAC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 13.
VIPer22A Thermal profile: at VIN= 265VAC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 14.
VIPer22A temperature at maximum load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 15.
Converter schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 16.
Typical waveforms at 300VDC and full load: commutation . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 17.
Typical waveforms at 300VDC and full load: detail . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 18.
PCB Layout (not in scale). Option nº 1: -12V output voltage . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 19.
PCB Layout (not in scale). Option nº 2: -24V output voltage . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com