Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2627 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2627
Description  ST8R00 syncronous boost
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2627 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2627 Datasheet HTML 5Page - STMicroelectronics AN2627 Datasheet HTML 6Page - STMicroelectronics AN2627 Datasheet HTML 7Page - STMicroelectronics AN2627 Datasheet HTML 8Page - STMicroelectronics AN2627 Datasheet HTML 9Page - STMicroelectronics AN2627 Datasheet HTML 10Page - STMicroelectronics AN2627 Datasheet HTML 11Page - STMicroelectronics AN2627 Datasheet HTML 12Page - STMicroelectronics AN2627 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AN2627
Selecting components for applications
Doc ID 13913 Rev 2
9/19
2
Selecting components for applications
This section provides information to assist in the selection of the most appropriate
components for applications.
Figure 10 shows a typical application schematic diagram.
Figure 10.
Typical application schematic
2.1
Output voltage selection
The output voltage can be adjusted from 6 V up to 12 V by connecting a resistor divider
between the output and the FB pin.
The resistor divider should be chosen in accordance with the following equation:
Equation 1
The feedback voltage versus temperature is shown Figure 11 below.
It is recommended to use a resistor with a value in the range of 10 k
Ω to 100 kΩ. Lower
values can be suitable as well, but will increase current consumption.
Figure 11.
Voltage feedback vs. temperature
R1
R2
IN
LX
GND
PGND
Vout
OUT
FB
HV
INH
ST8R00
L
Cout
41
8
5
2
3
7
6
Vin
Cin
OFF ON
R1
R2
IN
LX
GND
PGND
Vout
OUT
FB
HV
INH
ST8R00
L
Cout
41
8
5
2
3
7
6
Vin
Cin
OFF ON
V
out
V
FB 1
R
1
R
2
-------
+
=
with
V
FB
1.22 V
=
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
1.26
1.28
1.3
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Vin=Vinh=5V, Iout=50mA,
L=4.7µH, Cin=10µF, Cout=10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com