Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2627 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2627
Description  ST8R00 syncronous boost
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2627 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2627 Datasheet HTML 9Page - STMicroelectronics AN2627 Datasheet HTML 10Page - STMicroelectronics AN2627 Datasheet HTML 11Page - STMicroelectronics AN2627 Datasheet HTML 12Page - STMicroelectronics AN2627 Datasheet HTML 13Page - STMicroelectronics AN2627 Datasheet HTML 14Page - STMicroelectronics AN2627 Datasheet HTML 15Page - STMicroelectronics AN2627 Datasheet HTML 16Page - STMicroelectronics AN2627 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AN2627
Demonstration board usage recommendation
Doc ID 13913 Rev 2
13/19
4
Demonstration board usage recommendation
The demonstration board shown in Figure 13 is provided with a Kelvin connection, so for
each pin there are two lines available: one used to supply or sink current, and the other used
to perform the needed measurement.
The ST8R00 inhibit pin does not have an internal pull-up, so the inhibit pin cannot be left
floating.
Figure 13.
The ST8R00 demonstration board
Figure 14.
Demonstration board layers
The board has one inhibit pin available, located on the top left of the board.
The inhibit pin can be used to supply an external voltage higher than 2 V to turn on the
device, or an external voltage lower than 0.8 V to turn off the device.
Top layer
Bottom layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com