Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2627 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2627
Description  ST8R00 syncronous boost
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2627 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2627 Datasheet HTML 1Page - STMicroelectronics AN2627 Datasheet HTML 2Page - STMicroelectronics AN2627 Datasheet HTML 3Page - STMicroelectronics AN2627 Datasheet HTML 4Page - STMicroelectronics AN2627 Datasheet HTML 5Page - STMicroelectronics AN2627 Datasheet HTML 6Page - STMicroelectronics AN2627 Datasheet HTML 7Page - STMicroelectronics AN2627 Datasheet HTML 8Page - STMicroelectronics AN2627 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AN2627
ST8R00 description
Doc ID 13913 Rev 2
5/19
Figure 3.
ST8R00W inductor current at light load
Figure 4.
ST8R00W inductor current at no load
For proper functioning of the device, only a few components are required: an inductor, two
capacitors and the resistor divider. The inductor chosen must not saturate at the operating
peak current. Its value should be selected taking into account that a large inductor value
reduces output voltage ripple, while a smaller inductor can be selected when it is important
to reduce package size and the total cost of the application. Finally, the ST8R00 family has
been designed to work properly with X5R or X7R SMD ceramic capacitors both at the input
and at the output. These types of capacitors, thanks to their very low series resistance
(ESR), minimize the output voltage ripple. Other low ESR capacitors can be used in
accordance with application requirements without compromising the correct functionality of
the device.
This device features an output current cut-off function. Two P-channel MOSFETs in a back-
to-back configuration, as shown in Figure 5, stop the output current when the inhibit is low
(Figure 6).
LX
I
L
VIN=5 V, VOUT=8 V, IOUT=60 mA, Ch1=LX, Ch4=IL
LX
I
L
VIN=5 V, VOUT=8 V, no load Ch1=LX, Ch4=IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com