Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2690 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 9Page - STMicroelectronics AN2690 Datasheet HTML 10Page - STMicroelectronics AN2690 Datasheet HTML 11Page - STMicroelectronics AN2690 Datasheet HTML 12Page - STMicroelectronics AN2690 Datasheet HTML 13Page - STMicroelectronics AN2690 Datasheet HTML 14Page - STMicroelectronics AN2690 Datasheet HTML 15Page - STMicroelectronics AN2690 Datasheet HTML 16Page - STMicroelectronics AN2690 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AN2690
Functional check
13/31
Table 1 gives the power consumption from the mains during no-load operation. Thanks to
the L6566A standby functionalities the input power is always below 280 mW.
As referenced in Table 2, the most important international energy saving program
regulations are given. This chipset is compliant to all regulations, mandatory or voluntary,
applied currently or that will become effective in the near future.
The new regulations and voluntary agreements that are coming require that power supplies
and adapters have high efficiency at not only nominal or maximum load but also at light
load. This last condition is frequently a difficult task to achieve, increasing the complexity of
the control part. As previously explained, thanks to the oscillator structure of the L6566A,
just by adding few external components, a frequency foldback circuit can be implemented.
Thus, reducing switching losses improves the power supply efficiency when it is delivering
an output power in the range of 0,5 to 3 W.
The L6566A switching frequency is set by the current flowing in a resistor connected
between the OSC pin and ground (R42). During light-load operation Q5 (Figure 12) injects
into R42 a current inversely proportional to the COMP voltage. The voltage on pin OSC is
constant (1 V) so, increasing Q5 current allows decreasing the current supplied by the pin
and, as a consequence, the oscillator frequency. In this way the converter switching losses,
prevailing at light load, are reduced.
Table 1.
Input power at no load vs. mains voltage
Vin [Vrms]
Input power [W]
90
0.100
115
0.110
230
0.218
265
0.275
Table 2.
International energy saving programs regulations at no load
Energy program
Effective date
Maximum admitted
Compliant
EU code of conduct
Jan 2007
300 mW
Yes
Energy star int.
Jan 2008
750 mW
Yes
California energy
commission
Jul 2008
500 mW
Yes
Group for energy-
efficient appliances
Jan 2007
300 mW
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com