Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2690 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 18Page - STMicroelectronics AN2690 Datasheet HTML 19Page - STMicroelectronics AN2690 Datasheet HTML 20Page - STMicroelectronics AN2690 Datasheet HTML 21Page - STMicroelectronics AN2690 Datasheet HTML 22Page - STMicroelectronics AN2690 Datasheet HTML 23Page - STMicroelectronics AN2690 Datasheet HTML 24Page - STMicroelectronics AN2690 Datasheet HTML 25Page - STMicroelectronics AN2690 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Bill of material (BOM)
AN2690
22/31
6
Bill of material (BOM)
Table 5.
EVL6566A-75WADP evaluation board: bill of material
Des.
Part type/part value
Description
Supplier
C1
2N2
Y1 - safety cap. - DE1E3KX222M
MURATA
C2
2N2
Y1 - safety cap. - DE1E3KX222M
MURATA
C3
470N
X2 - flm cap - R46-I 3470--M1-
ARCOTRONICS
C4
470N
X2 - flm cap - R46-I 3470--M1-
ARCOTRONICS
C5
470N - 400 V
400 V - flm cap - B32653A4474
EPCOS
C6
100 µF - 450 V
450 V - Aluminum ELCAP - LLS series - 85 °C
NIPPON-
CHEMICON
C7
2N2
Y1 - safety cap. - DE1E3KX222M
MURATA
C8
1N0
200 V CERCAP - general purpose
AVX
C9
100N
50 V CERCAP - general purpose
AVX
C12
1000 µ - 25 V
25 V - Aluminum ELCAP - ZL series - 105 °C
RUBYCON
C13
100 µ - 25 V
25 V - Aluminum ELCAP - YXF series - 105 °C
RUBYCON
C14
220N
50 V CERCAP - general purpose
AVX
C15
1 µ
25 V CERCAP - general purpose
AVX
C16
1000 µ - 25 V
25 V - Aluminum ELCAP - ZL series - 105°C
RUBYCON
C17
100N
50 V CERCAP - general purpose
AVX
C19
2N2
50 V CERCAP - general purpose
AVX
C21
470N
25 V CERCAP - general purpose
AVX
C23
100N
50 V CERCAP - general purpose
AVX
C24
2N2
Y1 - SAFETY CAP. - DE1E3KX222M
MURATA
C25
220p
50 V CERCAP - general purpose
AVX
C26
22N
50 V CERCAP - general purpose
AVX
C30
2N2
50 V CERCAP - general purpose
AVX
C32
100N
50 V CERCAP - general purpose
AVX
C33
47 µF - 50 V
50 V - Aluminum ELCAP - YXF SERIES - 105 °C
RUBYCON
C34
47N
50 V CERCAP - general purpose
AVX
C35
220N
50 V CERCAP - general purpose
AVX
C36
100N
50 V CERCAP - general purpose
AVX
C38
220p
50 V CERCAP - general purpose
AVX
C39
100N
50 V CERCAP - general purpose
AVX
C40
10N
50 V CERCAP - general purpose
AVX
C41
10N
50 V CERCAP - general purpose
AVX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com