Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2690 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2690
Description  This application note describes the characteristics and the features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2690 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2690 Datasheet HTML 23Page - STMicroelectronics AN2690 Datasheet HTML 24Page - STMicroelectronics AN2690 Datasheet HTML 25Page - STMicroelectronics AN2690 Datasheet HTML 26Page - STMicroelectronics AN2690 Datasheet HTML 27Page - STMicroelectronics AN2690 Datasheet HTML 28Page - STMicroelectronics AN2690 Datasheet HTML 29Page - STMicroelectronics AN2690 Datasheet HTML 30Page - STMicroelectronics AN2690 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Transformer specification
AN2690
28/31
8
Transformer specification
General description and characteristics
●
Application type: consumer, home appliance
●
Transformer type: open
●
Winding type: ayer
●
COIL former: horizontal type, 9+9 pins
●
Max. temperature rise: 45 °C
●
Max. operating ambient temp.: 60 °C
●
Mains insulation: acc. with EN60950
●
Unit finishing: varnishing
Electrical characteristics
●
Converter topology: flyback, CCM/DCM mode
●
Core type: EER34 - PC47
●
Min. operating frequency: -
●
Typical operating freq: 60 kHz
●
Primary inductance: 550 µH ±10% at 1 kHz - 0.25 V (see Note: 1)
●
Leakage inductance: 17 µH max at 100 kHz - 0.25 V (see Note: 2)
●
Max. peak primary current: 2.65 Apk
●
RMS primary current: 0.78 ARMS
Note:
1
Measured between pins (2, 3) - (5, 6)
2
Measured between pins (2, 3) - (5, 6) with all secondary windings shorted
Electrical diagram and winding characteristics
Figure 27.
Transformer electrical diagram
8
9
AUX
10-11
15-16
+19V
5
2
PRIM. A
6
3
PRIM. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com