Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2711 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2711
Description  The cost of power LEDs is rapidly decreasing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2711 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2711 Datasheet HTML 9Page - STMicroelectronics AN2711 Datasheet HTML 10Page - STMicroelectronics AN2711 Datasheet HTML 11Page - STMicroelectronics AN2711 Datasheet HTML 12Page - STMicroelectronics AN2711 Datasheet HTML 13Page - STMicroelectronics AN2711 Datasheet HTML 14Page - STMicroelectronics AN2711 Datasheet HTML 15Page - STMicroelectronics AN2711 Datasheet HTML 16Page - STMicroelectronics AN2711 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AN2711
Filtering the LED current - electrolytic capacitors revisited
Doc ID 14425 Rev 3
13/36
3
Filtering the LED current - electrolytic capacitors
revisited
3.1
Strobe effects
Earlier designs used only a few microFarads (µF) of filter capacitors across the LEDs. When
the dimmer was turned right down, current flowed for less than 1 millisecond out of each half
cycle. The result was that rapidly moving objects appeared as multiple stationary images,
similar to the appearance of a hand moving rapidly in front of an old TV screen. Reflections
from moving shiny objects such as jewelry appeared as dotted lines in the air.
Many users had noticed the effect. The collective opinion was that LED peak-to-peak ripple
current should be less than 20 % to 25 % of the average current. The use of electrolytic filter
capacitors had to be reconsidered.
3.2
Benefits of electrolytic filters
Once it was understood that very large output capacitors were required, other advantages of
their use became apparent.
3.2.1
Reduced crest factor in LEDs
The bonding wires in LEDs are very small - sometimes almost invisible. High RMS current
causes the wire to heat the bonding point on the LED die, leading to failure. The RMS
current of a power factor controlled converter is higher than necessary for the same light
output, by about 1.2 times. Resistive heating is about 45 % higher than for pure DC for the
same average current.
3.2.2
Better regulation of housekeeping voltages
With a narrower range of peak current, the LED load voltage range is considerably narrower.
Reflected voltage, even with dimming, is much better controlled.
3.3
Electrolytic life calculations
An LED life cycle is advertised as 50,000 to 100,000 hours of operation at 70 % light output.
The driver electronics should be designed to match or exceed this.
A capacitor life cycle is rated at maximum operating temperature and maximum ripple
current, which typically adds 10 °C to the core temperature. The life cycle doubles for every
10 °C reduction in core temperature. So, for a 105 °C capacitor rated for 10,000 hours at 1 A
of ripple current, operated continuously at 85 °C case temperature and 1 A ripple current, a
life cycle of 40,000 hours can be expected.
In the real world, continuous 85 °C temperatures are rare. A minimum of double the
calculated life cycle can be expected. So, with the proper choice of capacitors, the life cycle
can be in the same range as the LED life cycle, and is, therefore, no longer a serious
concern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com