Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2711 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2711
Description  The cost of power LEDs is rapidly decreasing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2711 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2711 Datasheet HTML 17Page - STMicroelectronics AN2711 Datasheet HTML 18Page - STMicroelectronics AN2711 Datasheet HTML 19Page - STMicroelectronics AN2711 Datasheet HTML 20Page - STMicroelectronics AN2711 Datasheet HTML 21Page - STMicroelectronics AN2711 Datasheet HTML 22Page - STMicroelectronics AN2711 Datasheet HTML 23Page - STMicroelectronics AN2711 Datasheet HTML 24Page - STMicroelectronics AN2711 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AN2711
Performance
Doc ID 14425 Rev 3
21/36
6.1.2
Setup for greatest voltage stresses
12 W out, 11 series LEDs, jumpers at W2-W3, W5-W7.
Component stresses
The tap configuration with jumpers at W2-W3 and W5-W7 with 11 series LEDs maximizes
the volts per turn on the transformer. Stress on the bootstrap diode, D9, is too great. A 200 V
diode should be used at that location if the maximum number of LEDs in a string is used for
each jumper configuration.
Figure 14.
96 V input voltage
Figure 15.
132 V input voltage
Table 4.
12 W into 11 series LEDs
Parameter
Very low line
Low line
Nominal line
High line
Line voltage
96
108
120
132
Line current, mA
164.3
143.6
128.9
116.9
Input power, Watts
15.45
15.17
15.05
15.00
Power factor
0.9853
0.9816
0.9745
0.9638
Output voltage
33.39
33.25
33.23
33.20
Output current, mA
371
371
371
371
Current ripple, mA P-P
92
100
96
96
Output power
12.39
12.34
12.33
12.32
Efficiency, %
80.1
81.3
81.9
82.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com