Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2711 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2711
Description  The cost of power LEDs is rapidly decreasing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2711 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2711 Datasheet HTML 19Page - STMicroelectronics AN2711 Datasheet HTML 20Page - STMicroelectronics AN2711 Datasheet HTML 21Page - STMicroelectronics AN2711 Datasheet HTML 22Page - STMicroelectronics AN2711 Datasheet HTML 23Page - STMicroelectronics AN2711 Datasheet HTML 24Page - STMicroelectronics AN2711 Datasheet HTML 25Page - STMicroelectronics AN2711 Datasheet HTML 26Page - STMicroelectronics AN2711 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
AN2711
Performance
Doc ID 14425 Rev 3
23/36
This configuration uses the transformer at maximum current in the full series connection. A
1
Ω resistor has been placed at R36 to increase the regulated current to slightly over the
1/2 A limit. The efficiency hit at low input voltage is mostly due to I2R loss in the input filter.
6.1.4
Setup for maximum output current
16 W out, 5 series LEDs, jumpers at W1-W2, W3-W4, W6-W8.
Figure 17.
96 V line 16 W, 10 series LEDs
Figure 18.
132 V line 16 W, 10 series LEDs
Table 5.
Performance at 16 W into 10 series LEDs
Parameter
Very low line
Low line
Nominal line
High line
Line voltage
96
108
120
132
Line current, mA
227
195.2
171.0
154.4
Input power, Watts
21.42
20.67
20.08
19.77
Power factor
0.9855
0.9813
0.9756
0.9686
Output voltage
30.84
30.79
30.77
30.75
Output current, mA
0.528
0.528
0.528
0.528
Current ripple, mA P-P
152
144
148
144
Output power
16.28
16.26
16.25
16.24
Efficiency, %
76.0
78.6
80.9
82.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com