Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2783 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 17Page - STMicroelectronics AN2783 Datasheet HTML 18Page - STMicroelectronics AN2783 Datasheet HTML 19Page - STMicroelectronics AN2783 Datasheet HTML 20Page - STMicroelectronics AN2783 Datasheet HTML 21Page - STMicroelectronics AN2783 Datasheet HTML 22Page - STMicroelectronics AN2783 Datasheet HTML 23Page - STMicroelectronics AN2783 Datasheet HTML 24Page - STMicroelectronics AN2783 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
AN2783
PoE section
21/47
8.6
AUXI input
The PM8800 reference board accepts auxiliary power sources applied before the hot-swap
MOSFET as low as 18 V (16 V seen at the pin VIN of device).
To do so and change the UVLO levels, the AUXI pin must be pulled up above 2 V with a
current greater than 70 µA.
The AUXI pin can be connected to the auxiliary voltage through a diode. In this case the
current flowing into the pin is internally limited to about 300 µA.
Depending on the output current drawn, the real operative AUXI voltage can be higher than
the above mentioned value, basically due to the DC current limitation which is maximum
input power at minimum applied on AUXI = 16V x 800 mA =12.8 W.
Another limitation on the operative AUXI voltage can be the power transformer, not designed
to work with a wide input voltage range for the maximum output power.
8.7
AUXII input
PM8800 can also accept auxiliary power sources applied after the hot-swap MOSFET as
slow as 12 V (9 V seen at the pins of device). In this case there is no current limitation and
an external circuit is recommended in order to limit the inrush current.
On the PM8800 reference board an active switch is implemented with a P-channel power
MOSFET, capable of limiting the inrush current at startup and with very low ohmic drop
during operation.
AUXII prevalence over PoE can be programmed forcing a current higher than 100
µA in pin
AUXII of PM8800. In this case the PD is always powered from AUXII power source because
the interface circuits and the hot-swap MOSFET are forced in an off state. The pin can be
connected to the auxiliary voltage through a diode. In this configuration the current flowing
into the pin is internally limited to about 250 µA. AUXII can be conveniently used in case of
high-power PDs requiring input power higher than the 12.95 W specified in the IEEE802.3af
standard.
Please note that having the hot-swap MOSFET in an off state means having the IC
substrate in high impedance with GND. It is strongly recommended to move the signature
capacitor of 100 nF from the C1 position to C36. This capacitor is placed between VSS and
GND, implementing a low-impedance circuit at high frequency across the hot-swap
MOSFET, assuring a good HF connection of the IC substrate. The PM8800 reference board
is preset for AUXII prevalence over PoE, having R23 set to 10 k
Ω.
Warning:
In case of AUXII low input voltage sources, the condition
VIN < VCC must be avoided because of possible damage to
the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com