Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2783 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 21Page - STMicroelectronics AN2783 Datasheet HTML 22Page - STMicroelectronics AN2783 Datasheet HTML 23Page - STMicroelectronics AN2783 Datasheet HTML 24Page - STMicroelectronics AN2783 Datasheet HTML 25Page - STMicroelectronics AN2783 Datasheet HTML 26Page - STMicroelectronics AN2783 Datasheet HTML 27Page - STMicroelectronics AN2783 Datasheet HTML 28Page - STMicroelectronics AN2783 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
AN2783
Power converter
25/47
Equation 13
where
Equation 14
Vspike is due to the leakage inductance of the power transformer and can be assumed to be
40 V max, as the snubber network on the primary side is built with a TVS with breakdown
voltage of 40 V.
Tm is the time to charge the Miller capacitor of the power MOSFET and can be estimated
as:
Equation 15
Note that if the major contribution to the MOSFET losses comes from the second term of the
switching power losses, the right choice is for a low gate charge power MOSFET.
10.4
Rectifier diode dissipation
The secondary output current is:
Equation 16
The reverse voltage across the rectification diode is:
Equation 17
The power dissipated in the secondary diode, neglecting the reverse leakage losses, can be
estimated as:
Equation 18
Pcond
Ron Iprms
2
D
max
⋅⋅
=
Pswitching
Coss Vds
2
Fsw
⋅⋅
2
-------------------------------------------------
Vds
max
Ipeak Tm Fsw
⋅⋅
⋅
+
=
Vds
max
1.2
Vin
max
Vspike
+
() NVout Vd
+
()
⋅
+
[]
⋅
=
Tm
Qgd Rg
⋅
Vcc
Vgsth
–
---------------------------------
=
Ispeak
Isave
∆I
SL
2
-----------
+
Iout
max
1D
max
–
-----------------------
Vout
Vd
+
() Tsw Ton
–
()
⋅
[]
Lp
() N
2
⁄
---------------------------------------------------------------------------
+
==
Isrms
1
D
max
–
() Ispeak
2
Ispeak
∆I
SL
∆I
SL
2
3
-----------
+
⋅
–
⋅
=
Vr
diode
Vin
max
N
-------------------
Vout
+
=
P
diode
Isrms Vd
1
D
max
–
()
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com