Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2783 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2783
Description  PM8800 demonstration kit for standard and high power PoE
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2783 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2783 Datasheet HTML 18Page - STMicroelectronics AN2783 Datasheet HTML 19Page - STMicroelectronics AN2783 Datasheet HTML 20Page - STMicroelectronics AN2783 Datasheet HTML 21Page - STMicroelectronics AN2783 Datasheet HTML 22Page - STMicroelectronics AN2783 Datasheet HTML 23Page - STMicroelectronics AN2783 Datasheet HTML 24Page - STMicroelectronics AN2783 Datasheet HTML 25Page - STMicroelectronics AN2783 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Power transformer and operating input voltage
AN2783
22/47
9
Power transformer and operating input voltage
The PM8800 demonstration kit can contain two different types of power transformers:
Table 4.
Characteristics of the power transformer for the PM8800 evaluation kit
The standard EP13 transformer is designed to operate at full IEEE802.3af power when the
input voltage is in the range 36-72 V. When working from auxiliary voltages lower than 36 V
the output power must be reduced in order to not saturate the transformer.
The custom transformer has been designed to work optimally over the full input range
between 12 V to 60 V in order to exploit the AUXII connection option made available by the
PM8800.
FA2706/7-BL can be also used to draw more power than 10 W when restricting the input
operational voltage range. For example about 20 W can be drawn with a minimum input
voltage of about 30 V, the minimum operating voltage of the PoE standard range.
Figure 10.
Output power vs. VAUXII
An auxiliary winding has been added in the FA2706/7-BL to directly drive a synchronous
power MOSFET as a secondary rectifier, in order to reduce the power losses associated
with a standard diode rectifier at high output currents.
When working at very low input voltage, as in the case of AUXII, the diode D6 can be added,
(actually not mounted on the reference board) to directly supply the VCC pin of PM8800.
Warning:
In this condition please do not increase the AUXII voltage
above 15 V as permanent damage can occur to the device.
Type
Lprimary
N
Ipeak sat
Rsec
PoE13P-33L / 50L
127
µH
6 / 4
1 A
24 m
Ω/ 39 mΩ
FA2706-BL / 07-BL
70
µH
6.8 / 4.85
3.5 A
8 m
Ω/ 18.5 mΩ
Pout vs VAUXII w ith FA270x-BL
0
5
10
15
20
25
10
15
20
25
30
40
50
60
VAUXII ( V )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com