Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2798 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2798
Description  Complete DDR2/3 memory power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2798 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2798 Datasheet HTML 9Page - STMicroelectronics AN2798 Datasheet HTML 10Page - STMicroelectronics AN2798 Datasheet HTML 11Page - STMicroelectronics AN2798 Datasheet HTML 12Page - STMicroelectronics AN2798 Datasheet HTML 13Page - STMicroelectronics AN2798 Datasheet HTML 14Page - STMicroelectronics AN2798 Datasheet HTML 15Page - STMicroelectronics AN2798 Datasheet HTML 16Page - STMicroelectronics AN2798 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
AN2798
Configuration
13/38
5
Configuration
The PM6670AS board allows the user to choose the desired mode of operation using four
jumpers (JP1, JP2, JP3 and JP5) and two resistors. Refer to the following configuration
description.
5.1
JP3 fixed or adjustable output voltage (MODE pin)
The JP3 jumper is used to choose between fixed output voltage (1.5 V or 1.8 V) and a user-
defined output voltage in the range 0.9 V to 2.6 V. When connected in the lower position, the
fixed output voltage is selected and the voltage depends on the setting of the DDRSEL pin
(see Section 5.2).
If JP3 is in the upper position, the output voltage is given by:
Both the R8 and R9 resistors are set to 39 k
Ω (1.8 V by default) and can be changed by the
user.
5.2
JP1 DDR2/DDR3 or power-saving mode (DDRSEL pin)
The JP1 jumper allows different options depending on the JP3 configuration. If the fixed
output voltage is selected (JP3 in the lower position), the user can choose between 1.8 V
(DDR2) or 1.5 V (DDR3), connecting JP1 as shown in Figure 10, and the pulse-skip mode is
set by default.
When the adjustable output voltage is selected (JP3 in the upper position), the same jumper
allows choosing between forced PWM, pulse-skip and non-audible pulse-skip modes as
shown in Figure 10 on page 14.
9
.
0
R8
R8 + R9
VDDQ
ADJ
×
=
9
.
0
R8
R8 + R9
VDDQ
ADJ
×
=
Figure 9.
JP3 (MODE) setting
Fixed Output Voltage
(default position)
Adjustable Output Voltage
Fixed Output Voltage
(default position)
Adjustable Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com