Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2798 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2798
Description  Complete DDR2/3 memory power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2798 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2798 Datasheet HTML 24Page - STMicroelectronics AN2798 Datasheet HTML 25Page - STMicroelectronics AN2798 Datasheet HTML 26Page - STMicroelectronics AN2798 Datasheet HTML 27Page - STMicroelectronics AN2798 Datasheet HTML 28Page - STMicroelectronics AN2798 Datasheet HTML 29Page - STMicroelectronics AN2798 Datasheet HTML 30Page - STMicroelectronics AN2798 Datasheet HTML 31Page - STMicroelectronics AN2798 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
PM6670AS evaluation tests
AN2798
28/38
Latched thermal shutdown
If the junction temperature rises up to 150 deg, the thermal protection circuit turns off the
device and discharges the output rails by performing the non-tracking discharge soft-end.
8.9
VDDQ current limit
The valley current limit avoids any high side turning on if the inductor current is higher than
the programmed value. This current limit can be designed with the following equation:
The current sensing is performed by comparing the voltage drop in the low-side MOSFET,
during the TOFF period, with the voltage drop given by an injected current and the current
limit resistor.
Figure 31.
VDDQ, VTT, VTTREF and inductor current, thermal shutdown, pulse-skip mode
DSon
LS
ILIM
CL
R
R
I
,
100µA x
=
DSon
LS
ILIM
CL
R
R
I
,
100µA x
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com