Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2798 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2798
Description  Complete DDR2/3 memory power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2798 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2798 Datasheet HTML 28Page - STMicroelectronics AN2798 Datasheet HTML 29Page - STMicroelectronics AN2798 Datasheet HTML 30Page - STMicroelectronics AN2798 Datasheet HTML 31Page - STMicroelectronics AN2798 Datasheet HTML 32Page - STMicroelectronics AN2798 Datasheet HTML 33Page - STMicroelectronics AN2798 Datasheet HTML 34Page - STMicroelectronics AN2798 Datasheet HTML 35Page - STMicroelectronics AN2798 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
PM6670AS evaluation tests
AN2798
32/38
Switching frequency vs. output current
The switching frequency can decrease to very low values in pulse-skip mode instead in non-
audible pulse-skip there is a lower limit (about 33 kHz). With increasing load, however, the
switching frequency increases a bit, as a consequence of conduction and switching losses.
Figure 35.
Forced PWM (blue), non-audible pulse-skip (green) and pulse-skip (red), switching
frequency vs. output current, VDDQ = 1.8 V, VIN = 24 V
0
100
200
300
400
500
0.001
0.010
0.100
1.000
10.000
Current [A]
Forced PWM
Pulse Skip
Non Audible PS
0
100
200
300
400
500
0.001
0.010
0.100
1.000
10.000
Current [A]
Forced PWM
Pulse Skip
Non Audible PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com